Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XQ-R Datasheet(PDF) 47 Page - Future Technology Devices International Ltd.

Part # FT201XQ-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XQ-R Datasheet(HTML) 47 Page - Future Technology Devices International Ltd.

Back Button FT201XQ-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 43Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 44Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 45Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 46Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 47Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 48Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 49Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
47
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
Appendix B - List of Figures and Tables
List of Figures
Figure 2.1 FT201X Block Diagram ...................................................................................................4
Figure 3.1 QFN Schematic Symbol ..................................................................................................7
Figure 3.2 SSOP Schematic Symbol ................................................................................................9
Figure 7.1 Bus Powered Configuration ........................................................................................... 22
Figure 7.2 Self Powered Configuration ........................................................................................... 23
Figure 7.3 Bus Powered with Power Switching Configuration ............................................................ 24
Figure 8.1 Application Example showing USB to I2C Converter.......................................................... 25
Figure 8.2 USB Battery Charging Detection (1- pin) ........................................................................ 26
Figure 8.3 USB Battery Charging Detection (2- pin) ........................................................................ 27
Figure 8.4 USB Battery Charging Detection (3 - pin) ....................................................................... 28
Figure 9.2: Data transfers with 7-bit and 10-bit addressing modes ................................................... 32
Figure 9.3: Checking the Data Available Count ............................................................................... 32
Figure 9.4: Flush data command .................................................................................................. 33
Figure 9.5: Reading the amount of data available ........................................................................... 33
Figure 9.6: Checking the USB State .............................................................................................. 34
Figure 9.7: Reading the Device ID ................................................................................................ 34
Figure 10.1: Simplified memory map for the FT201X....................................................................... 37
Figure 10.2: Write EEPROM command sequence ............................................................................. 39
Figure 10.3: Read EEPROM command sequence ............................................................................. 39
Figure 11.1 SSOP-16 Package Dimensions ..................................................................................... 40
Figure 11.2 SSOP-16 Package Markings......................................................................................... 41
Figure 11.3 QFN-16 Package Dimensions ....................................................................................... 42
Figure 11.4 QFN-16 Package Markings .......................................................................................... 43
Figure 11.5 FT201X Solder Reflow Profile....................................................................................... 44
List of Tables
Table 3.1 Power and Ground ..........................................................................................................7
Table 3.2 Common Function pins ....................................................................................................7
Table 3.3 I2C Interface and CBUS Group (see note 1)........................................................................8
Table 3.4 Power and Ground ..........................................................................................................9
Table 3.5 Common Function pins ....................................................................................................9
Table 3.6 Interface and CBUS Group (see note 1) ........................................................................... 10
Table 3.7 CBUS Configuration Control ........................................................................................... 12
Table 6.1 Absolute Maximum Ratings ............................................................................................ 16
Table 6.2 ESD and Latch-Up Specifications .................................................................................... 16
Table 6.3 Operating Voltage and Current ....................................................................................... 17
Table 6.4 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins) ........................................... 18
Table 6.5 I/O Pin Characteristics VCCIO = +2.5V (except USB PHY pins) ........................................... 19
Table 6.6 I/O Pin Characteristics VCCIO = +1.8V (except USB PHY pins) ........................................... 20
Table 6.7 USB I/O Pin (USBDP, USBDM) Characteristics .................................................................. 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com