Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT201XQ-R Datasheet(PDF) 49 Page - Future Technology Devices International Ltd.

Part # FT201XQ-R
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XQ-R Datasheet(HTML) 49 Page - Future Technology Devices International Ltd.

Back Button FT201XQ-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 43Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 44Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 45Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 46Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 47Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 48Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 49Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
49
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
Appendix C - Revision History
Document Title:
USB I2C SLAVE IC FT201X
Document Reference No.:
FT_000627
Clearance No.:
FTDI# 264
Product Page:
http://www.ftdichip.com/FT-X.htm
Document Feedback:
Send Feedback
Version 1.0
Initial Release
9th February 2012
Version 1.1
Added USB compliance in section 1.3
17th April 2012
Clarified MTP Reliability in table 6.8
Edited Table 9.1: Edited I2C address
and changed Load VCP Driver to Disabled
Version 1.2
Added section 9 with details of USB and I2C Interfacing
15th August 2012
Added link to AN_201 (MTP Memory Configuration) in
section 10
Removed references to LED signals on the CBUS pins as
these are only available on the UART members of the FT-X
family.
Removed section 8.3 showing connection of the Tx/Rx LEDs.
Updated the CBUS defaults to reflect the values used from
Rev D onwards.
Version 1.3
Updated US address
14 Feb 2013
Updated TID
Updated front page to clarify 5V tolerant
Version 1.4
Update the QFN16 dimension section 11.3
25 July 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com