Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD823ARZ-R7
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD823ARZ-R7 Datasheet HTML 2Page - Analog Devices AD823ARZ-R7 Datasheet HTML 3Page - Analog Devices AD823ARZ-R7 Datasheet HTML 4Page - Analog Devices AD823ARZ-R7 Datasheet HTML 5Page - Analog Devices AD823ARZ-R7 Datasheet HTML 6Page - Analog Devices AD823ARZ-R7 Datasheet HTML 7Page - Analog Devices AD823ARZ-R7 Datasheet HTML 8Page - Analog Devices AD823ARZ-R7 Datasheet HTML 9Page - Analog Devices AD823ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD823
Rev. B | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4
Parameter
Rating
Supply Voltage
36 V
Internal Power Dissipation
PDIP (N)
1.3 W
SOIC (R)
0.9 W
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±1.2 V
Output Short-Circuit Duration
See Figure 4
Storage Temperature Range N, R
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
AMBIENT TEMPERATURE (°C)
2.0
1.5
0
–50
90
–40 –30 –20 –10 0
10 20 30
50 60 70 80
40
1.0
0.5
8-LEAD PDIP
8-LEAD SOIC
TJ = 150°C
Figure 4. Maximum Power Dissipation vs. Temperature
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Specification is for device in free air.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-Lead PDIP
90
°C/W
8-Lead SOIC
160
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com