Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823ARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD823ARZ-R7
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823ARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD823ARZ-R7 Datasheet HTML 4Page - Analog Devices AD823ARZ-R7 Datasheet HTML 5Page - Analog Devices AD823ARZ-R7 Datasheet HTML 6Page - Analog Devices AD823ARZ-R7 Datasheet HTML 7Page - Analog Devices AD823ARZ-R7 Datasheet HTML 8Page - Analog Devices AD823ARZ-R7 Datasheet HTML 9Page - Analog Devices AD823ARZ-R7 Datasheet HTML 10Page - Analog Devices AD823ARZ-R7 Datasheet HTML 11Page - Analog Devices AD823ARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD823
Rev. B | Page 8 of 20
LOAD RESISTANCE (Ω)
60
80
70
90
100
110
100
1k
10k
100k
500k
VS = ±2.5V
Figure 11. Open-Loop Gain vs. Load Resistance
OUTPUT VOLTAGE (V)
0.1
–2.5
100
10
1
1000
–2.0
–0.5
0.5
1.0
2.5
RL = 10kΩ
–1.5 –1.0
0
1.5
2.0
RL = 1kΩ
RL = 100Ω
Figure 12. Open-Loop Gain vs. Output Voltage, VS = ±2.5 V
FREQUENCY (Hz)
–40
–110
–50
–80
–90
–100
–60
–70
100
100k
1k
10k
+VS = +3V
VOUT = 2V p-p
RL = 100Ω
+VS = +3V
VOUT = 2V p-p
RL = 5kΩ
+VS = +5V
VOUT = 2V p-p
RL = 5kΩ
VS = ±15V
VOUT = 10V p-p
RL = 600Ω
VS = ±2.5V
VOUT = 2V p-p
RL = 1kΩ
1M
ALL
OTHERS
Figure 13. Total Harmonic Distortion vs. Frequency
TEMPERATURE (°C)
86
90
89
88
87
95
91
92
93
94
–55
+VS = +5V
RL = 2kΩ
–25
5
35
65
95
125
Figure 14. Open-Loop Gain vs. Temperature
FREQUENCY (Hz)
100
–20
80
40
20
0
60
100
100M
1k
10k
100k
1M
10M
PHASE
GAIN
RL = 2kΩ
CL = 20pF
100
–20
80
40
20
0
60
Figure 15. Open-Loop Gain and Phase Margin vs. Frequency
FREQUENCY (Hz)
100
30
3
10
1M
100
1k
10k
100k
10
+VS = +5V
Figure 16. Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com