Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD823ARZ-R7
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD823ARZ-R7 Datasheet HTML 10Page - Analog Devices AD823ARZ-R7 Datasheet HTML 11Page - Analog Devices AD823ARZ-R7 Datasheet HTML 12Page - Analog Devices AD823ARZ-R7 Datasheet HTML 13Page - Analog Devices AD823ARZ-R7 Datasheet HTML 14Page - Analog Devices AD823ARZ-R7 Datasheet HTML 15Page - Analog Devices AD823ARZ-R7 Datasheet HTML 16Page - Analog Devices AD823ARZ-R7 Datasheet HTML 17Page - Analog Devices AD823ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD823
Rev. B | Page 14 of 20
OUTPUT IMPEDANCE
The low frequency open-loop output impedance of the common-
emitter output stage used in this design is approximately 30 kΩ.
Although this is significantly higher than a typical emitter
follower output stage, when it is connected with feedback, the
output impedance is reduced by the open-loop gain of the op
amp. With 109 dB of open-loop gain, the output impedance is
reduced to <0.2 Ω. At higher frequencies, the output impedance
rises as the open-loop gain of the op amp drops; however, the
output also becomes capacitive due to the integrator capacitors
C1 and C2. This prevents the output impedance from ever
becoming excessively high (see Figure 18), which can cause
stability problems when driving capacitive loads. In fact, the AD823
has excellent cap-load drive capability for a high frequency op
amp. Figure 34 shows the AD823 connected as a follower while
driving 470 pF direct capacitive load. Under these conditions,
the phase margin is approximately 20°. If greater phase margin
is desired, a small resistor can be used in series with the output
to decouple the effect of the load capacitance from the op amp
(see Figure 26). In addition, running the part at higher gains
also improves the capacitive load drive capability of the op amp.
VOUT
S1N
C1
S1P
C5
R1
R1
gmVI
gmVI
gm2
C2
R2
Figure 37. Small Signal Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com