Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD823ARZ-R7
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD823ARZ-R7 Datasheet HTML 6Page - Analog Devices AD823ARZ-R7 Datasheet HTML 7Page - Analog Devices AD823ARZ-R7 Datasheet HTML 8Page - Analog Devices AD823ARZ-R7 Datasheet HTML 9Page - Analog Devices AD823ARZ-R7 Datasheet HTML 10Page - Analog Devices AD823ARZ-R7 Datasheet HTML 11Page - Analog Devices AD823ARZ-R7 Datasheet HTML 12Page - Analog Devices AD823ARZ-R7 Datasheet HTML 13Page - Analog Devices AD823ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD823
Rev. B | Page 10 of 20
FREQUENCY (Hz)
0
30
20
10
100
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
+PSRR
–PSRR
+VS = +5V
Figure 23. Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
0
10k
10
30
100k
1M
10M
20
RL = 2kΩ
G = +1
VS = ±15V
+VS = +5V
+VS = +3V
Figure 24. Large Signal Frequency Response
100kΩ
3V
VOUT
50pF
100kΩ
50Ω
100kΩ
VIN = 2.9V p-p
500mV
10µs
VIN = 2.9V p-p
+VS = +3V
G = –1
Figure 25. Output Swing, +VS = +3 V, G = −1
RS
CL
VIN
CAPACITOR (pF × 1000)
0
0
12
9
6
3
21
ФM = 20°
15
18
12
3
45
6
7
8
9
10
ФM = 45°
+VS = +5V
Figure 26. Series Resistance vs. Capacitive Load
FREQUENCY (Hz)
–130
1k
–110
–120
–30
–40
10k
100k
1M
+VS = +5V
–100
–90
–80
–70
–60
–50
10M
Figure 27. Crosstalk vs. Frequency
20kHz, 20V p-p
–15V
+15V
50pF
604Ω
5V
20µs
VIN = 20V p-p
VS = ±15V
G = +1
Figure 28. Output Swing, VS = ±15 V, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com