Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 17Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 18Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 19Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 20Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 21Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 22Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 23Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 24Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LM1237 Address Map
TABLE 4. Character ROM Address Map
Address Range
R/W
Description
0x0000–0x2FFF
R
ROM Character Fonts, 190 two-color Character Fonts that are read-only. The format
of the address is as follows:
A15–A14: Always zeros.
A13–A6: Character value (0x00–0xBF are valid values)
A5–A1: Row of the character (0x00–0x11 are valid values)
A0: Low byte of line when a zero. High byte of line when a one.
The low byte will contain the first eight pixels of the line with data Bit 0 corresponding
to the left most bit in the Character Font line. The high byte will contain the last four
pixels and data. Bits 7–4 are “don’t cares”. Data Bit 3 of the high byte corresponds to
the right most pixel in the Character Font line.
0x3000–0x3FFF
R
ROM Character Fonts, 64 four-color Character Fonts that are read-only. The format of
the address is as follows:
A15–A14: Always zeros.
A13–A6: Character value (0xC0–0xFF are valid values)
A5–A1: Row of the character (0x00–0x11 are valid values)
A0: Low byte of line when a zero. High byte of line when a one.
The low byte will contain the first eight pixels of the line with data Bit 0 corresponding
to the left most bit in the Character Font line. The high byte will contain the last four
pixels and data Bits 7–4 are “don’t cares”. Data Bit 3 of the high byte corresponds to
the right most pixel in the Character Font line.
NOTE: The value of Bit 0 of the Character Font Access Control Register (Address
0x8402) is a zero, it indicates that the Bit 0 data value of the four-color pixels is being
accessed via these addresses. When the value of Bit 0 of the Access Control Register
is a one, it indicates that the Bit 1 data value of the four-color pixel is being accessed
via these addresses.
0x4000–0x7FFF
—
Reserved.
TABLE 5. Display Page RAM Address Map
Address Range
R/W
Description
0x8000–0x81FF
R/W
Display Page RAM Characters. A total of 512 display characters, skipped line,
end-of-row and end-of-window character codes may be supported via this range.
To support skipped lines and character attributes a number of special case rules are
used when writing to this range. (Refer to the Display Page RAM section of this
document for more details.)
Preamp Interface Registers
TABLE 6. OSD Interface Registers
Register
Address
Default
D7
D6
D5
D4
D3
D2
D1
D0
Fonts - 2 Color
0x0000–
0x2FFE
PIXEL (7:0)
+1
XXXX
PIXEL (11:8)
Fonts - 4 Color
0x3000–
0x3FFE
PIXEL (7:0)
+1
XXXX
PIXEL (11:8)
Display Page
0x8000–
0x83FF
CHAR_CODE[7:4] or reserved
CHAR_CODE[3:0] or ATTR_CODE
FRMCTRL1
0x8400
0x10
X
X
X
TD
CDPR
D2E
D1E
OSE
FRMCTRL2
0x8401
0x80
PIXELS_PER_LINE (2:0)
BLINK_PERIOD (4:0)
CHARFONTACC
0x8402
0x00
XXXXXX
ATTR
FONT4
VBLANKDUR
0x8403
0x10
X
VBLANK_DURATION (6:0)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com