Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 24Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 25Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 26Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 27Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 28Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 29Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 30Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 31Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Display Page RAM (Continued)
TABLE 11. Example 2 (Five Sequences) (Continued)
Data Sent
Description
RAM Address
0x05
Character “D”
0x8006
0x06
Character “E”
0x8007
0x07
Character “F”
0x8008
0x01
Row-End (RE) Command
0x8009
I
2C stop condition (See the Microcontroller Interface Section)
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x0A
Address LSB
0x80
Address MSB
0x00
Use Attribute table 0x00 for the following character
0x04
Skip 4 lines Command
0x800A
0x08
Character “G”
0x800B
I
2C stop condition (See the Microcontroller Interface Section)
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x0C
Address LSB
0x80
Address MSB
0x01
Use Attribute table 0x01 for the following character
0x09
Character “H”
0x800C
0x01
Row-End (RE) Command
I
2C stop condition (See the Microcontroller Interface Section)
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x0D
Address LSB
0x80
Address MSB
0x02
Use Attribute table 0x02 for the following character
0x0A
Character “I”
0x800D
0x00
Window-End (WE) Command
0x800E
I
2C stop condition (See the Microcontroller Interface Section)
EXAMPLE 3:
Two different length rows of characters a black background are to be displayed on the screen, using 2-color character codes. 3
transparent skipped lines are required between the character rows. This is shown in Figure 23.
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com