Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 25Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 26Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 27Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 28Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 29Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 30Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 31Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 32Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Display Page RAM (Continued)
Notes:
•
In order to centralize the three characters above the five characters on the row below, a “transparent” blank character has
been used as the first character on the row.
•
In order to create the transparent skipped lines between the two character rows, a row of no characters has been used,
resulting in a RE, SL, RE, SL control code sequence.
•
In this example, the transparent character is defined by the 2-color attribute table entry ATT0. Bit 4 of Frame Control Register
1 must be set to indicate that the black color is to be translated as transparent (see section Control Register Definitions).
•
The top row of characters are yellow on black; in this example, these are defined by the 2-color attribute table entry ATT9.
•
The second row of characters are blue on black; in this example, these are defined by the 2-color attribute table entry ATT10.
•
The black background of the characters are not transparent because ATT9 and ATT10 are used.
•
The data shown in Table 12. Example 3 I
2C Sequences is sent to the LM1237 in four I2C transmissions.
TABLE 12. Example 3 I
2C Sequences
Data Sent
Description
RAM Address
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x00
Address LSB
0x80
Address MSB
0x00
Use Attribute table 0x00 for the following characters
0x00
Skip 2 lines Command
0x8000
0x80
Character “ ”
0x8001
I
2C stop condition (See the Microcontroller Interface Section)
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x02
Address LSB
0x80
Address MSB
0x09
Use Attribute table 0x09 for the following characters
0x02
Character “A”
0x8002
0x03
Character “B”
0x8003
0x04
Character “C”
0x8004
0x01
Row-End (RE) Command
0x8005
I
2C stop condition (See the Microcontroller Interface Section)
I
2C start condition (See the Microcontroller Interface Section)
20023434
FIGURE 23. Example 3 OSD
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com