Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 34Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 35Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 36Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 37Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 38Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 39Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 40Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 41Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Attribute Table and Enhanced Features (Continued)
TABLE 13. Enhanced Feature Descriptions (Continued)
Bits 21–18
Feature Description
0011b
Bordering
0100b
RESERVED
0101b
RESERVED
0110b
RESERVED
0111b
RESERVED
1000b
Raised Box
1001b
Blinking and Raised Box
1010b
Depressed Box
1011b
Blinking and Depressed Box
1100b
Heavy Raised Box
1101b
Blinking and Heavy Raised Box
1110b
Heavy Depressed Box
1111b
Blinking and Heavy Depressed Box
FOUR COLOR ATTRIBUTE FORMAT
Register Names (addresses):
ATT4C7n (0x8507+n*4), ATT4C6n (0x8507+n*4), ATT4C5n (0x8507+n*4), ATT4C4n (0x8507+n*4), ATT4C3n (0x8507+n*4),
ATT4C2n (0x8507+n*4), ATT4C1n (0x8507+n*4), ATT4C0n (0x8507+n*4), where n is the attribute value (Table 100).
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
C4B2
C4B1
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
C4B0
C4G2 C4G1 C4G0
C4R2
C4R1
C4R0
C3B2
C3B1
C3B0
C3G2 C3G1 C3G0
C3R2
C3R1
C3R0
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
EFB3
EFB2
EFB1
EFB0
C2B2
C2B1
15
14
13
12
11
10
987654321
0
C2B0
C2G2 C2G1 C2G0
C2R2
C2R1
C2R0
C1B2
C1B1
C1B0
C1G2 C1G1 C1G0
C1R2
C1R1
C1R0
Bits 8–0
These nine bits determine the color1 which is displayed when the corresponding OSD pixel code is 00b.
Bits 17–9
These nine bits determine the color2 which is displayed when the corresponding OSD pixel code is a 01b.
Bits 21–18
These are the enhanced feature (EF) bits which determine which feature is applied to the displayed character.
The features and their corresponding codes are shown in Table 14. Attribute Tables and Corresponding
Addresses.
Bits 31–22
Reserved and should be set to zero.
Bits 40–32
These nine bits determine the color3 which is displayed when the corresponding OSD pixel code is a 10b.
Bits 49–41
These nine bits determine the color4 which is displayed when the corresponding OSD pixel code is an 11b.
Bits 63–50
Reserved and should be set to zero.
TABLE 14. Attribute Tables and Corresponding Addresses
Attribute Value (n)
Two-Color Attribute Table Address
Four-Color Attribute Table Address
0000b
0x8440–0x8443
0x8500–0x8507
0001b
0x8444–0x8447
0x8508–0x850F
0010b
0x8448–0x844B
0x8510–0x8517
0011b
0x844C–0x844F
0x8518–0x851F
0100b
0x8450–0x8453
0x8520–0x8527
0101b
0x8454–0x8457
0x8528–0x852F
0110b
0x8458–0x845B
0x8530–0x8537
0111b
0x845C–0x845F
0x8538–0x853F
1000b
0x8460–0x8463
0x8540–0x8547
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com