Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8009JRT-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8009JRT-R2
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009JRT-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8009JRT-R2 Datasheet HTML 1Page - Analog Devices AD8009JRT-R2 Datasheet HTML 2Page - Analog Devices AD8009JRT-R2 Datasheet HTML 3Page - Analog Devices AD8009JRT-R2 Datasheet HTML 4Page - Analog Devices AD8009JRT-R2 Datasheet HTML 5Page - Analog Devices AD8009JRT-R2 Datasheet HTML 6Page - Analog Devices AD8009JRT-R2 Datasheet HTML 7Page - Analog Devices AD8009JRT-R2 Datasheet HTML 8Page - Analog Devices AD8009JRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
–5–
REV. F
AD8009
FREQUENCY (MHz)
10
100
3
2
1
0
–1
–6
–7
–2
–3
–4
–5
1
1000
R PACKAGE:
RL = 100
VO = 200mV p–p
G = +1, +2: RF = 301
G = +10: RF = 200
RT PACKAGE:
G = +1: RF = 332
G = +2: RF = 226
G = +10: RF = 191
G = +1, R
G = +10, R AND RT
G = +2, R AND RT
G = +1, RT
TPC 1. Frequency Response; G = +1, +2, +10,
R and RT Packages
7
6
5
4
3
2
1
0
–1
–2
8
100
1
1000
10
FREQUENCY (MHz)
G = +2
RF = 301
RL = 150
VO AS SHOWN
4V p-p
2V p-p
TPC 2. Large Signal Frequency Response; G = +2
7
6
5
4
3
2
1
0
–1
–2
8
100
1
1000
10
FREQUENCY (MHz)
G = +2
RF = 301
RL = 150
VO = 2V p–p
–40 C
+85 C
–40 C
+85 C
TPC 3. Large Signal Frequency Response vs.
Temperature; G = +2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
5.4
5.3
5.2
6.2
FREQUENCY (MHz)
10
100
1
1000
G = +2
RF = 301
RL = 150
VO = 200mV p-p
TPC 4. Gain Flatness; G = +2
FREQUENCY (MHz)
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
110
100
1000
10000
G = +2
RF = 301
RL = 150
VO = 200mV p-p
VS = 5V
TPC 5. Gain Flatness; G = +2; VS = 5 V
21
20
19
18
17
16
15
14
13
12
22
100
1
1000
10
FREQUENCY (MHz)
G = +10
RF = 200
RL = 100
VO AS SHOWN
2V p-p
4V p-p
TPC 6. Large Signal Frequency Response; G = +10
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com