Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8009JRT-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8009JRT-R2
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009JRT-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8009JRT-R2 Datasheet HTML 4Page - Analog Devices AD8009JRT-R2 Datasheet HTML 5Page - Analog Devices AD8009JRT-R2 Datasheet HTML 6Page - Analog Devices AD8009JRT-R2 Datasheet HTML 7Page - Analog Devices AD8009JRT-R2 Datasheet HTML 8Page - Analog Devices AD8009JRT-R2 Datasheet HTML 9Page - Analog Devices AD8009JRT-R2 Datasheet HTML 10Page - Analog Devices AD8009JRT-R2 Datasheet HTML 11Page - Analog Devices AD8009JRT-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8009
–8–
REV. F
100
10
1
0.1
0.01
0.03 0.1
100
10
1
500
FREQUENCY (MHz)
G = +2
RF = 301
TPC 19. Output Resistance vs. Frequency
0
10
8
6
4
2
FREQUENCY (Hz)
10
100
250M
1k
10k
100k
1M
10M
100M
TPC 20. Voltage Noise vs. Frequency
SOURCE RESISTANCE ( )
25
20
15
10
5
0
100
10
1
500
G = +10
RF = 301
RL = 100
TPC 21. Noise Figure
FREQUENCY (MHz)
0.1
1
100
10
2.0
1.8
1.6
1.4
1.2
1.0
0
500
TPC 22. Input VSWR; G = +10
250
20
18
0
16
14
12
10
8
6
4
2
FREQUENCY (MHz)
5
100
10
R
F
P
OUT
R
G
50
50
50
G = +2
RF = 301
G = +10
RF = 200
TPC 23. Maximum Output Power vs. Frequency
–70
–80
–90
–60
–50
–40
–30
–20
100
1
1000
10
FREQUENCY (MHz)
G = +10
RF = 200
TPC 24. Reverse Isolation (S12); G = +10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com