Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8009JRT-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8009JRT-R2
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009JRT-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8009JRT-R2 Datasheet HTML 1Page - Analog Devices AD8009JRT-R2 Datasheet HTML 2Page - Analog Devices AD8009JRT-R2 Datasheet HTML 3Page - Analog Devices AD8009JRT-R2 Datasheet HTML 4Page - Analog Devices AD8009JRT-R2 Datasheet HTML 5Page - Analog Devices AD8009JRT-R2 Datasheet HTML 6Page - Analog Devices AD8009JRT-R2 Datasheet HTML 7Page - Analog Devices AD8009JRT-R2 Datasheet HTML 8Page - Analog Devices AD8009JRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. F
AD8009–SPECIFICATIONS (@ T
A = 25 C, VS =
5 V, RL = 100
; for R Package: RF = 301
for G = +1, +2,
RF = 200
for G = +10; for RT Package: RF = 332
for G = +1, RF = 226
for G = +2 and RF = 191
for G = +10, unless otherwise noted.)
AD8009AR/JRT
Model
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO = 0.2 V p-p
R Package
G = +1, RF = 301
Ω
1,000
MHz
RT Package
G = +1, RF = 332
Ω
845
MHz
G = +2
480
700
MHz
G = +10
300
350
MHz
Large Signal Bandwidth, VO = 2 V p-p
G = +2
390
440
MHz
G = +10
235
320
MHz
Gain Flatness 0.1 dB, VO = 0.2 V p-p
G = +2, RL = 150
Ω
45
75
MHz
Slew Rate
G = +2, RL = 150
Ω, 4 V Step
4,500
5,500
V/
µs
Settling Time to 0.1%
G = +2, RL = 150
Ω, 2 V Step
10
ns
G = +10, 2 V Step
25
ns
Rise and Fall Time
G = +2, RL = 150
Ω, 4 V Step
0.725
ns
HARMONIC/NOISE PERFORMANCE
Second Harmonic G = +2, VO = 2 V p-p
10 MHz
–73
dBc
20 MHz
–66
dBc
70 MHz
–56
dBc
Third Harmonic
10 MHz
–77
dBc
20 MHz
–75
dBc
70 MHz
–58
dBc
Third Order Intercept (3IP)
70 MHz
26
dBm
W.R.T. Output, G = +10
150 MHz
18
dBm
250 MHz
12
dBm
Input Voltage Noise
f = 10 MHz
1.9
nV/
√Hz
Input Current Noise
f = 10 MHz, +In
46
pA/
√Hz
f = 10 MHz, –In
41
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 150
Ω
0.01
0.03
%
NTSC, G = +2, RL = 37.5
Ω
0.02
0.05
%
Differential Phase Error
NTSC, G = +2, RL = 150
Ω
0.01
0.03
Degrees
NTSC, G = +2, RL = 37.5
Ω
0.04
0.08
Degrees
DC PERFORMANCE
Input Offset Voltage
25
mV
TMIN to TMAX
7mV
Offset Voltage Drift
4
µV/°C
–Input Bias Current
50
150
±µA
TMIN to TMAX
75
±µA
+Input Bias Voltage
50
150
±µA
TMIN to TMAX
75
±µA
Open-Loop Transresistance
90
250
k
Ω
TMIN to TMAX
170
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
110
k
Ω
–Input
8
Ω
Input Capacitance
+Input
2.6
pF
Input Common-Mode Voltage Range
3.8
±V
Common-Mode Rejection Ratio
VCM =
±2.5
50
52
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
±3.7
±3.8
V
Output Current
RL = 10
Ω, PD Package = 0.7 W 150
175
mA
Short-Circuit Current
330
mA
POWER SUPPLY
Operating Range
+5
±6V
Quiescent Current
14
16
mA
TMIN to TMAX
18
mA
Power Supply Rejection Ratio
VS =
±4 V to ±6 V
64
70
dB
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com