Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8009JRT-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8009JRT-R2
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009JRT-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8009JRT-R2 Datasheet HTML 8Page - Analog Devices AD8009JRT-R2 Datasheet HTML 9Page - Analog Devices AD8009JRT-R2 Datasheet HTML 10Page - Analog Devices AD8009JRT-R2 Datasheet HTML 11Page - Analog Devices AD8009JRT-R2 Datasheet HTML 12Page - Analog Devices AD8009JRT-R2 Datasheet HTML 13Page - Analog Devices AD8009JRT-R2 Datasheet HTML 14Page - Analog Devices AD8009JRT-R2 Datasheet HTML 15Page - Analog Devices AD8009JRT-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8009
–12–
REV. F
10 F
+
0.1 F
AD8009
75
301
5V
301
2
7
3
6
+
10 F
0.1 F
4
–5V
AD8009
75
301
301
2
3
6
AD8009
75
301
301
2
3
6
75
COAX
PRIMARY MONITOR
ADDITIONAL MONITOR
75
COAX
75
75
75
75
75
75
75
75
75
RED
GREEN
BLUE
RED
GREEN
BLUE
IOUTR
IOUTG
IOUTB
ADV7160/
ADV7162
Figure 4. Driving an Additional High Resolution Monitor Using Three AD8009s
RGB Monitor Driver
High resolution computer monitors require very high full power
bandwidth signals to maximize their display resolution. The
RGB signals that drive these monitors are generally provided by
a current-out RAMDAC that can directly drive a 75
Ω doubly
terminated line.
There are times when the same output wants to be delivered to
additional monitors. The termination provided internally by
each monitor prohibits the ability to simply connect a second
monitor in parallel with the first. Additional buffering must be
provided.
Figure 4 shows a connection diagram for two high resolution
monitors being driven by an ADV7160 or ADV7162, a 220 MHz
(Megapixel per second) triple RAMDAC. This pixel rate
requires a driver whose full power bandwidth is at least half the
pixel rate or 110 MHz. This is to provide good resolution for a
worst-case signal that swings between zero scale and full scale
on adjacent pixels.
The primary monitor is connected in the conventional fashion
with a 75
Ω termination to ground at each end of the 75 Ω
cable. Sometimes this configuration is called “doubly termi-
nated” and is used when the driver is a high output impedance
current source.
For the additional monitor, each of the RGB signals close to the
RAMDAC output is applied to a high input impedance, noninvert-
ing input of an AD8009 that is configured for a gain of +2. The
outputs each drive a series 75
Ω resistor, cable, and termination
resistor in the monitor that divides the output signal by two, thus
providing an overall unity gain. This scheme is referred to as
“back termination” and is used when the driver is a low output
impedance voltage source. Back termination requires that the
voltage of the signal be double the value that the monitor sees.
Double termination requires that the output current be double the
value that flows in the monitor termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com