Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-E/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # 25CS160-E/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-E/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button 25CS160-E/MS Datasheet HTML 27Page - Microchip Technology 25CS160-E/MS Datasheet HTML 28Page - Microchip Technology 25CS160-E/MS Datasheet HTML 29Page - Microchip Technology 25CS160-E/MS Datasheet HTML 30Page - Microchip Technology 25CS160-E/MS Datasheet HTML 31Page - Microchip Technology 25CS160-E/MS Datasheet HTML 32Page - Microchip Technology 25CS160-E/MS Datasheet HTML 33Page - Microchip Technology 25CS160-E/MS Datasheet HTML 34Page - Microchip Technology 25CS160-E/MS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 31
25CS160
REGISTER 10-1:
UNDERVOLTAGE LOCKOUT DETECTOR REGISTER
Note 1: For specific UVLO levels, refer to Table 1-1.
10.2
Accessing the Undervoltage
Lockout Register
10.2.1
READING THE UNDERVOLTAGE
LOCKOUT DETECTOR REGISTER
Reading the Undervoltage Lockout (UVLO) register is
accomplished in a very similar manner to reading the
STATUS register.
The UVLO register is read by asserting the CS pin,
followed by sending in a 15h opcode, which
corresponds to the RUVL instruction on the SI pin.
Upon completion of the opcode, the device will return
the 8-bit register value on the SO pin. The input
conditions of the RUVL instruction are shown in
Figure 10-1.
FIGURE 10-1:
READ UNDERVOLTAGE LOCKOUT REGISTER (
RUVL) SEQUENCE
U-0
U-0
R/W
R/W
R/W
R/W
R/W
R/W
—
—
UVLOEN
VUVL4
VUVL3
VUVL2
VUVL1
VUVL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
UVLOEN: Enable Undervoltage Lockout Function
1 = UVLO is enabled
0 = UVLO is not enabled
bit 4-0
VUVL[4:0]: Undervoltage Lockout Detection Level(1)
00000 = Minimum
•
•
•
11111 = Maximum
SO
CS
9
10
11
12131415
XX
D5
D4
D2
D1
D0
High-Impedance
SCK
0
2
3
456
7
1
8
D3
SI
RUVL Opcode (15h)
00
0
1
0
1
0
1
MSb
MSb
UVLO Register Data Out
UVLOEN VUVL[4:0] Level Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com