Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-E/MS Datasheet(PDF) 33 Page - Microchip Technology

Part # 25CS160-E/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-E/MS Datasheet(HTML) 33 Page - Microchip Technology

Back Button 25CS160-E/MS Datasheet HTML 29Page - Microchip Technology 25CS160-E/MS Datasheet HTML 30Page - Microchip Technology 25CS160-E/MS Datasheet HTML 31Page - Microchip Technology 25CS160-E/MS Datasheet HTML 32Page - Microchip Technology 25CS160-E/MS Datasheet HTML 33Page - Microchip Technology 25CS160-E/MS Datasheet HTML 34Page - Microchip Technology 25CS160-E/MS Datasheet HTML 35Page - Microchip Technology 25CS160-E/MS Datasheet HTML 36Page - Microchip Technology 25CS160-E/MS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 33
25CS160
11.0
IDENTIFICATION REGISTER
The Identification register contains identification
information that can be read from the device to enable
systems to electronically query and identify the
25CS160 while it is in system.
The identification method and the instruction opcode
comply with the JEDEC® standard for “Manufacturer
and Device ID Read Methodology for SPI Compatible
Serial Interface Memory Devices”. The type of
information that can be read from the device includes
the
JEDEC®-defined
Manufacturer
ID,
the
vendor-specific Device ID and the vendor-specific
Extended Device Information (EDI).
11.1
Reading the Identification
Register
To read the identification information, the CS pin must
first be asserted, and the opcode of 9Fh must be
clocked into the device. After the opcode has been
clocked in, the device will begin outputting the
identification data on the SO pin during the subsequent
clock cycles. The first byte output will be the
Manufacturer ID, followed by two bytes of Device ID
information.
The fourth byte output will be the Extended Device
Information (EDI) String Length, which, for the
25CS160, will be 01h, indicating that one byte of EDI
data follows.
After one byte of EDI data is output, the SO pin will go
into a high-impedance state; therefore, additional clock
cycles will have no effect on the SO pin, and no data
will be output. As indicated in the JEDEC® standard,
reading the EDI String Length and any subsequent
data is optional.
Deasserting the CS pin will terminate the Manufacturer
and Device ID read sequence and put the SO pin into
a high-impedance state. The CS pin can be deasserted
at any time and does not require that a full byte of data
be read. This sequence is depicted in Figure 11-1.
FIGURE 11-1:
READ IDENTIFICATION REGISTER (
SPID) SEQUENCE
TABLE 11-1:
IDENTIFICATION REGISTER DETAILS
Data Type
Byte
No.
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Hex
Value
Details
Manufacturer ID
1
JEDEC® Assigned Code
29h
JEDEC® Code: 0010 1001
(29h for Microchip)
00
101
001
Device ID (Part 1)
2
Family Code
Density Code
11
000
100
C4h
16-Kbit Density Code
Device ID (Part 2)
3
Sub Code
Product Variant
00
000
000
00h
Reserved for Future Use
EDI Length
4
00
000
001
01h
Indicates one EDI byte
EDI Byte 1
Device Revision
5
00
000
000
00h
First generation, SPI 16-Kbit
device
CS
SCK
0
47
8
7
6
16
15
14
24
23
22
32
31
30
40
39
38
RDID Opcode
9Fh
High-Impedance
29h
C4h
00h
01h
00h
Manufacturer
ID
Device ID
Byte 1
Device ID
Byte 2
EDIString
Length
EDI Data
Byte 1
Note:
Each transition
shown for SI and SO represents one byte (8 bits).
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com