Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-E/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # 25CS160-E/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-E/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button 25CS160-E/MS Datasheet HTML 5Page - Microchip Technology 25CS160-E/MS Datasheet HTML 6Page - Microchip Technology 25CS160-E/MS Datasheet HTML 7Page - Microchip Technology 25CS160-E/MS Datasheet HTML 8Page - Microchip Technology 25CS160-E/MS Datasheet HTML 9Page - Microchip Technology 25CS160-E/MS Datasheet HTML 10Page - Microchip Technology 25CS160-E/MS Datasheet HTML 11Page - Microchip Technology 25CS160-E/MS Datasheet HTML 12Page - Microchip Technology 25CS160-E/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 9
25CS160
1.1
Power-Up Requirements and
Default Conditions
During a power-up sequence, the VCC supplied to the
25CS160 should monotonically rise from VSS to the
minimum VCC level, as specified in Table 1-1, with a
slew rate no faster than 0.1 V/µs.
1.1.1
DEVICE POWER-ON RESET
To prevent spurious events from happening during a
power-up sequence, the 25CS160 includes a
Power-On Reset (POR) circuit. Upon power-up, the
device will not respond to any instructions until the VCC
level crosses the internal voltage threshold (VPOR) that
brings the device out of Reset and into Standby mode.
Microchip recommends that CS follows the rise of VCC
at power-up through the use of a pull-up resistor. The
system designer must ensure that no instruction is sent
to the device and CS is driven high until the VCC supply
reaches a stable value greater than the minimum VCC
level. Once VCC has surpassed the minimum level, the
SPI host must wait at least TVCSL before asserting the
CS pin. See Table 1-4 for the values associated with
these power-up parameters.
If an event occurs in the system where the VCC level
supplied to the 25CS160 drops below the maximum
VPOR level specified, it is recommended that a full
power cycle sequence be performed by first driving the
VCC pin to VSS, waiting at least the minimum TPOFF
time and then performing a new power-up sequence in
compliance with the requirements defined in this
section.
TABLE 1-3:
EEPROM CELL PERFORMANCE CHARACTERISTICS
Operation
Test Condition
Min.
Max.
Units
Write Endurance(1)
TA = +25°C
4,000,000
—
Write Cycles
TA = +85°C
1,200,000
—
TA = +125°C
600,000
—
TA = +150°C
400,000
—
Data Retention(1)
TA = +55°C
200
—
Years
Note 1: Performance is determined through characterization and the qualification process.
TABLE 1-4:
POWER-UP CONDITIONS
Symbol
Parameter
Min.
Max.
Units
TVCSL
Minimum VCC to Chip Select Low Time
100
—
µs
VPOR
Power-On Reset Threshold Voltage
—
1.5
V
TPOFF
Minimum time at VCC = 0V between power cycles
1
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com