Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # 25CS160-E/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button 25CS160-E/MS Datasheet HTML 6Page - Microchip Technology 25CS160-E/MS Datasheet HTML 7Page - Microchip Technology 25CS160-E/MS Datasheet HTML 8Page - Microchip Technology 25CS160-E/MS Datasheet HTML 9Page - Microchip Technology 25CS160-E/MS Datasheet HTML 10Page - Microchip Technology 25CS160-E/MS Datasheet HTML 11Page - Microchip Technology 25CS160-E/MS Datasheet HTML 12Page - Microchip Technology 25CS160-E/MS Datasheet HTML 13Page - Microchip Technology 25CS160-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 10
25CS160
1.1.2
SOFTWARE DEVICE RESET
The 25CS160 includes a Software Device Reset
(SRST) instruction that gives the user the opportunity to
reset the device to its power-on default behavior
(Section 1.2 “Device Default State”) without the need
to power cycle the device. To execute this Reset, the
CS pin must first be driven low to select the device, and
then a 7Ch opcode is clocked in on the SI pin.
Then the CS pin can be driven high, and the Reset
mechanism will engage. The Reset will have internally
completed by the time the minimum TCSD time is
satisfied.
FIGURE 1-6:
SOFTWARE DEVICE RESET (SRST) INSTRUCTION
Note:
The SRST instruction cannot interrupt the
device while it is in a Busy state
(Section 6.1.4 “Ready/BUSY STATUS
LATCH”).
SCK
0
234
567
1
High-Impedance
SO
CS
SI
SRST Opcode (7Ch)
01
1
1
1
1
0
0
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com