Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ART-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8057ART-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ART-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8057ART-R2 Datasheet HTML 1Page - Analog Devices AD8057ART-R2 Datasheet HTML 2Page - Analog Devices AD8057ART-R2 Datasheet HTML 3Page - Analog Devices AD8057ART-R2 Datasheet HTML 4Page - Analog Devices AD8057ART-R2 Datasheet HTML 5Page - Analog Devices AD8057ART-R2 Datasheet HTML 6Page - Analog Devices AD8057ART-R2 Datasheet HTML 7Page - Analog Devices AD8057ART-R2 Datasheet HTML 8Page - Analog Devices AD8057ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
AD8057/AD8058
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8057/AD8058 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (+VS to –VS) . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
SOIC Package (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 W
SOT-23-5 Package (RT) . . . . . . . . . . . . . . . . . . . . . . . 0.5 W
MSOP Package (RM) . . . . . . . . . . . . . . . . . . . . . . . . . 0.6 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±4.0 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range (R) . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead SOIC Package: JA = 160
°C/W
5-Lead SOT-23-5 Package: JA = 240
°C/W
8-Lead MSOP Package: JA = 200
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8057/AD8058 is limited by the associated rise in junction
temperature. Exceeding a junction temperature of 175
°C for an
extended period can result in device failure. While the AD8057/
AD8058 is internally short-circuit protected, this may not be
sufficient to guarantee that the maximum junction temperature
(150
°C) is not exceeded under all conditions.
To ensure proper operation, it is necessary to observe the maxi-
mum power derating curves.
AMBIENT TEMPERATURE ( C)
2.0
1.5
0
–50
80
–40 –30 –20 –10
0
10
20
30
40
50
60
70
1.0
0.5
90
TJ = 150 C
8-LEAD SOIC
8-LEAD MSOP
SOT-23-5
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8057AR
–40
°C to +85°C
8-Lead Narrow Body SOIC
R-8
Standard
AD8057ACHIPS
–40
°C to +85°CDie
Waffle Pak
N/A
AD8057AR-REEL
–40
°C to +85°C
8-Lead SOIC, 13" Reel
R-8
Standard
AD8057AR-REEL7
–40
°C to +85°C
8-Lead SOIC, 7" Reel
R-8
Standard
AD8057ART-R2
–40
°C to +85°C
5-Lead SOT-23
RT-5
H7A
AD8057ART-REEL
–40
°C to +85°C
5-Lead SOT-23, 13" Reel
RT-5
H7A
AD8057ART-REEL7
–40
°C to +85°C
5-Lead SOT-23, 7" Reel
RT-5
H7A
AD8057ARTZ-REEL7
*
–40
°C to +85°C
5-Lead SOT-23, 7" Reel
RT-5
H7A
AD8058AR
–40
°C to +85°C
8-Lead Narrow Body SOIC
R-8
Standard
AD8058ACHIPS
–40
°C to +85°CDie
Waffle Pak
N/A
AD8058AR-REEL
–40
°C to +85°C
8-Lead SOIC, 13" Reel
R-8
Standard
AD8058AR-REEL7
–40
°C to +85°C
8-Lead SOIC, 7" Reel
R-8
Standard
AD8058ARZ-REEL7
*
–40
°C to +85°C
8-Lead SOIC, 7" Reel
R-8
Standard
AD8058ARM
–40
°C to +85°C
8-Lead MSOP
RM-8
H8A
AD8058ARM-REEL
–40
°C to +85°C
8-Lead MSOP, 13" Reel
RM-8
H8A
AD8058ARM-REEL7
–40
°C to +85°C
8-Lead MSOP, 7" Reel
RM-8
H8A
AD8058ARMZ-REEL7
*
–40
°C to +85°C
8-Lead MSOP, 7" Reel
RM-8
H8A
*Lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com