Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ART-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8057ART-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ART-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8057ART-R2 Datasheet HTML 6Page - Analog Devices AD8057ART-R2 Datasheet HTML 7Page - Analog Devices AD8057ART-R2 Datasheet HTML 8Page - Analog Devices AD8057ART-R2 Datasheet HTML 9Page - Analog Devices AD8057ART-R2 Datasheet HTML 10Page - Analog Devices AD8057ART-R2 Datasheet HTML 11Page - Analog Devices AD8057ART-R2 Datasheet HTML 12Page - Analog Devices AD8057ART-R2 Datasheet HTML 13Page - Analog Devices AD8057ART-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
AD8057/AD8058
0.015
–0.015
0.010
0.005
0.000
–0.005
–0.010
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0.14
1st
11th
6th
2nd
7th
3rd
8th
4th
9th
5th
10th
0.00
–0.00
–0.00
–0.00
–0.00
0.00
–0.00
0.00
–0.00
–0.00
–0.00
–0.02
0.00
0.13
0.07
0.00
0.09
0.02
0.10
0.03
0.11
0.05
0.12
DIFFERENTIAL PHASE (Degrees)
DIFFERENTIAL GAIN (%)
VS = 5.0V
RL = 150
VS = 5.0V
RL = 150
a.
0.015
–0.015
0.010
0.005
0.000
–0.005
–0.010
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0.14
1st
11th
6th
2nd
7th
3rd
8th
4th
9th
5th
10th
0.00
–0.01
0.00
0.00
0.00
0.00
0.00
0.01
–0.00
0.01
–0.01
–0.02
0.00
–0.01`
–0.00
0.00
–0.01
0.00
–0.01
–0.00
–0.01
–0.00
–0.01
DIFFERENTIAL PHASE (Degrees)
DIFFERENTIAL GAIN (%)
VS = 5.0V
RL = 1k
VS = 5.0V
RL = 1k
b.
TPC 31. Differential Gain and Differential Phase
One Back Terminated Load (150
Ω) (Video Op
Amps Only)
FREQUENCY (MHz)
180
135
–90
0.01
1000
0.1
110
100
45
0
–45
90
80
60
40
20
0
–20
TPC 32. Open-Loop Gain and Phase vs. Frequency
0.01
–0.05
0.00
–0.01
–0.02
–0.03
–0.04
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0.14
1st
11th
6th
2nd
7th
3rd
8th
4th
9th
5th
10th
0.00
–0.04
–0.01
–0.00
–0.01
–0.00
–0.01
–0.01
–0.02
–0.01
–0.03
–0.02
0.00
0.13
0.09
0.01
0.11
0.03
0.12
0.05
0.12
0.07
0.13
DIFFERENTIAL PHASE (Degrees)
DIFFERENTIAL GAIN (%)
VS = +5V
RL = 150
VS = +5V
RL = 150
a.
0.01
–0.05
0.00
–0.01
–0.02
–0.03
–0.04
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0.14
1st
11th
6th
2nd
7th
3rd
8th
4th
9th
5th
10th
0.00
–0.05
–0.01
0.01
–0.02
–0.00
–0.02
–0.01
–0.03
–0.01
–0.04
–0.02
0.00
–0.02
–0.00
–0.00
–0.00
0.00
–0.00
0.00
–0.01
–0.00
–0.01
DIFFERENTIAL PHASE (Degrees)
DIFFERENTIAL GAIN (%)
VS = +5V
RL = 1k
VS = +5V
RL = 1k
b.
TPC 33. Differential Gain and Differential Phase,
a. RL = 150
Ω, b. RL = 1 kΩ
FREQUENCY (Hz)
100
10
0.1
10
100M
100
1k
10k
100k
1
1M
10M
TPC 34. Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com