Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ART-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8057ART-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ART-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8057ART-R2 Datasheet HTML 2Page - Analog Devices AD8057ART-R2 Datasheet HTML 3Page - Analog Devices AD8057ART-R2 Datasheet HTML 4Page - Analog Devices AD8057ART-R2 Datasheet HTML 5Page - Analog Devices AD8057ART-R2 Datasheet HTML 6Page - Analog Devices AD8057ART-R2 Datasheet HTML 7Page - Analog Devices AD8057ART-R2 Datasheet HTML 8Page - Analog Devices AD8057ART-R2 Datasheet HTML 9Page - Analog Devices AD8057ART-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD8057/AD8058
–40
85
–30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE ( C)
0.00
–0.40
–0.60
–0.50
–0.20
–0.30
–0.10
–0.80
–0.70
+IB @ 5V
+IB @ 2.5V
–IB @ 5V
–IB @ 1.5V
–IB @ 2.5V
+IB @ 1.5V
TPC 7. Input Bias Current vs. Temperature
–40
85
–30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE ( C)
4
0
1
3
2
PSRR @
1.5V
5V
TPC 8. PSRR vs. Temperature
FREQUENCY (MHz)
0
–10
–60
0.1
1000
1
10
100
–20
–30
–50
–40
+PSRR VS = 2.5V
–PSRR VS = 2.5V
TPC 9.
±PSRR vs. Frequency
0.01 F
0.001 F
4.7 F
–VS
50
VIN
HP8130A
PULSE
GENERATOR
TR/TF = 1ns
AD8057/58
0.001 F
0.01 F
4.7 F
1k
+VS
VOUT
TPC 10. Test Circuit G = +1, RL = 1 k
Ω for TPCs 11 and 12
100mV
20mV/
DIV
–100mV
4ns/DIV
TPC 11. Small Signal Step Response G = +1,
RL = 1 k
Ω, VS = ±5 V
5V
1V/DIV
–5V
4ns/DIV
TPC 12. Large Signal Step Response G = +1,
RL = 1 k
Ω, VS = ±5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com