Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8057ART-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8057ART-R2 Datasheet HTML 1Page - Analog Devices AD8057ART-R2 Datasheet HTML 2Page - Analog Devices AD8057ART-R2 Datasheet HTML 3Page - Analog Devices AD8057ART-R2 Datasheet HTML 4Page - Analog Devices AD8057ART-R2 Datasheet HTML 5Page - Analog Devices AD8057ART-R2 Datasheet HTML 6Page - Analog Devices AD8057ART-R2 Datasheet HTML 7Page - Analog Devices AD8057ART-R2 Datasheet HTML 8Page - Analog Devices AD8057ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
Typical Performance Characteristics–AD8057/AD8058
–5–
LOAD RESISTANCE ( )
4.5
4.0
0
10
100k
100
1k
10k
2.5
1.5
1.0
0.5
3.5
3.0
2.0
(+) OUTPUT
VOLTAGE
ABS (–)
OUTPUT
TPC 1. Output Swing vs. Load Resistance
–40
85
–30 –20 –10
0
10
20
304050607080
TEMPERATURE ( C)
–3.0
–6.5
–8.0
–3.5
–6.0
–7.0
–7.5
–4.5
–5.5
–4.0
–5.0
–ISUPPLY @ 5V
–ISUPPLY @ 1.5V
TPC 2. –ISUPPLY vs. Temperature
TEMPERATURE ( C)
5.0
1.5
0.0
–40
85
–30 –20 –10
0
10
20
30
40
50
60
70
80
4.5
2.0
1.0
0.5
3.5
2.5
4.0
3.0
+5V SWING RL = 150
+2.5V SWING RL = 150
+1.5V SWING RL = 150
TPC 3. Positive Output Voltage Swing vs. Temperature
–40
85
–30 –20 –10
0
10
20
304050607080
TEMPERATURE ( C)
0.0
–3.5
–5.0
–0.5
–3.0
–4.0
–4.5
–1.5
–2.5
–1.0
–2.0
–5V SWING RL = 150
–2.5V SWING RL = 150
–1.5V SWING RL = 150
TPC 4. Negative Output Voltage Swing vs. Temperature
TEMPERATURE ( C)
6
–2
–6
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
–4
2
0
4
VOS @ 5V
VOS @ 1.5V
TPC 5. VOS vs. Temperature
TEMPERATURE ( C)
3.5
1.5
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
0.5
2.5
2.0
3.0
AVOL @ 2.5V
AVOL @ 5V
85
1.0
TPC 6. Open-Loop Gain vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com