Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM50
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM50 Datasheet HTML 1Page - National Semiconductor (TI) LM50 Datasheet HTML 2Page - National Semiconductor (TI) LM50 Datasheet HTML 3Page - National Semiconductor (TI) LM50 Datasheet HTML 4Page - National Semiconductor (TI) LM50 Datasheet HTML 5Page - National Semiconductor (TI) LM50 Datasheet HTML 6Page - National Semiconductor (TI) LM50 Datasheet HTML 7Page - National Semiconductor (TI) LM50 Datasheet HTML 8Page - National Semiconductor (TI) LM50 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
+12V to −0.2V
Output Voltage
(+V
S + 0.6V) to −1.0V
Output Current
10 mA
Storage Temperature
−65˚C to +150˚C
T
JMAX, Maximum
Junction Temperature
150˚C
ESD Susceptibility (Note 3):
Human Body Model
Machine Model
2000V
250V
Operating Ratings (Note 1)
Specified Temperature Range:
T
MIN to TMAX
LM50C
−40˚C to +125˚C
LM50B
−25˚C to +100˚C
Operating Temperature Range
−40˚C to +150˚C
θ
JA (Note 4)
450˚C/W
Supply Voltage Range (+V
S)
+4.5V to +10V
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 2)
Electrical Characteristics
Unless otherwise noted, these specifications apply for V
S =+5VDC and ILOAD = +0.5 µA, in the circuit of Figure 1. Boldface
limits apply for the specified T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted.
Parameter
Conditions
LM50B
LM50C
Units
(Limit)
Typical
Limit
Typical
Limit
(Note 5)
(Note 5)
Accuracy
T
A = +25˚C
±2.0
±3.0
˚C (max)
(Note 6)
T
A =TMAX
±3.0
±4.0
˚C (max)
T
A =TMIN
+3.0, −3.5
±4.0
˚C (max)
Nonlinearity (Note 7)
±0.8
±0.8
˚C (max)
Sensor Gain
+9.7
+9.7
mV/˚C (min)
(Average Slope)
+10.3
+10.3
mV/˚C (max)
Output Resistance
2000
4000
2000
4000
Ω (max)
Line Regulation
+4.5V
≤ V
S
≤ +10V
±0.8
±0.8
mV/V (max)
(Note 8)
±1.2
±1.2
mV/V (max)
Quiescent Current
+4.5V
≤ V
S
≤ +10V
130
130
µA (max)
(Note 9)
180
180
µA (max)
Change of Quiescent
+4.5V
≤ V
S
≤ +10V
2.0
2.0
µA (max)
Current (Note 9)
Temperature Coefficient of
+1.0
+2.0
µA/˚C
Quiescent Current
Long Term Stability (Note 10)
T
J = 125˚C, for
±0.08
±0.08
˚C
1000 hours
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 3: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 4: Thermal resistance of the SOT-23 package is specified without a heat sink, junction to ambient.
Note 5: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 6: Accuracy is defined as the error between the output voltage and 10mv/˚C times the device’s case temperature plus 500 mV, at specified conditions of
voltage, current, and temperature (expressed in ˚C).
Note 7: Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device’s rated temperature
range.
Note 8: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating effects can be
computed by multiplying the internal dissipation by the thermal resistance.
Note 9: Quiescent current is defined in the circuit of Figure 1 .
Note 10: For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature cycled for at least 46
hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered; allow time for stress relaxation to occur. The
majority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after 1000 hours will not continue at the first 1000 hour rate.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com