Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM50
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  LM50 Datasheet HTML 1Page - National Semiconductor (TI) LM50 Datasheet HTML 2Page - National Semiconductor (TI) LM50 Datasheet HTML 3Page - National Semiconductor (TI) LM50 Datasheet HTML 4Page - National Semiconductor (TI) LM50 Datasheet HTML 5Page - National Semiconductor (TI) LM50 Datasheet HTML 6Page - National Semiconductor (TI) LM50 Datasheet HTML 7Page - National Semiconductor (TI) LM50 Datasheet HTML 8Page - National Semiconductor (TI) LM50 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3.0 Typical Applications (Continued)
01203014
FIGURE 8. Temperature To Digital Converter (Parallel TRI-STATE® Outputs for
Standard Data Bus to µP Interface) (125˚C Full Scale)
01203016
FIGURE 9. LM50 With Voltage-To-Frequency Converter And Isolated Output
(−40˚C to +125˚C; 100 Hz to 1750 Hz)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com