Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM50
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM50 Datasheet HTML 1Page - National Semiconductor (TI) LM50 Datasheet HTML 2Page - National Semiconductor (TI) LM50 Datasheet HTML 3Page - National Semiconductor (TI) LM50 Datasheet HTML 4Page - National Semiconductor (TI) LM50 Datasheet HTML 5Page - National Semiconductor (TI) LM50 Datasheet HTML 6Page - National Semiconductor (TI) LM50 Datasheet HTML 7Page - National Semiconductor (TI) LM50 Datasheet HTML 8Page - National Semiconductor (TI) LM50 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Printed Circuit Board
1.0 Mounting
The LM50 can be applied easily in the same way as other
integrated-circuit temperature sensors. It can be glued or
cemented to a surface and its temperature will be within
about 0.2˚C of the surface temperature.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the
actual temperature of the LM50 die would be at an interme-
diate temperature between the surface temperature and the
air temperature.
To ensure good thermal conductivity the backside of the
LM50 die is directly attached to the GND pin. The lands and
traces to the LM50 will, of course, be part of the printed
circuit board, which is the object whose temperature is being
measured. These printed circuit board lands and traces will
not cause the LM50s temperature to deviate from the de-
sired temperature.
Alternatively, the LM50 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the LM50 and
accompanying wiring and circuits must be kept insulated and
dry, to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paints or dips are often used to
ensure that moisture cannot corrode the LM50 or its connec-
tions.
Temperature Rise of LM50 Due to Self-Heating
(Thermal Resistance,
θ
JA)
SOT-23
SOT-23
no heat sink*
small heat fin**
Still air
450˚C/W
260˚C/W
Moving air
180˚C/W
* Part soldered to 30 gauge wire.
** Heat sink used is 12" square printed circuit board with 2 oz. foil with part
attached as shown in Figure 2.
2.0 Capacitive Loads
The LM50 handles capacitive loading very well. Without any
special precautions, the LM50 can drive any capacitive load.
The LM50 has a nominal 2 k
Ω output impedance (as can be
seen in the block diagram). The temperature coefficient of
the output resistors is around 1300 ppm/˚C. Taking into
account this temperature coefficient and the initial tolerance
of the resistors the output impedance of the LM50 will not
exceed 4 k
Ω. In an extremely noisy environment it may be
necessary to add some filtering to minimize noise pickup. It
is recommended that 0.1 µF be added from V
IN to GND to
bypass the power supply voltage, as shown in Figure 4.Ina
noisy environment it may be necessary to add a capacitor
from the output to ground. A 1 µF output capacitor with the
4k
Ω output impedance will form a 40 Hz lowpass filter. Since
the thermal time constant of the LM50 is much slower than
the 25 ms time constant formed by the RC, the overall
response time of the LM50 will not be significantly affected.
For much larger capacitors this additional time lag will in-
crease the overall response time of the LM50.
01203019
FIGURE 2. Printed Circuit Board Used
for Heat Sink to Generate All Curves.
1
2" Square Printed Circuit Board
with 2 oz. Foil or Similar
01203007
FIGURE 3. LM50 No Decoupling Required
for Capacitive Load
01203008
FIGURE 4. LM50C with Filter for Noisy Environment
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com