Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM50
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM50 Datasheet HTML 1Page - National Semiconductor (TI) LM50 Datasheet HTML 2Page - National Semiconductor (TI) LM50 Datasheet HTML 3Page - National Semiconductor (TI) LM50 Datasheet HTML 4Page - National Semiconductor (TI) LM50 Datasheet HTML 5Page - National Semiconductor (TI) LM50 Datasheet HTML 6Page - National Semiconductor (TI) LM50 Datasheet HTML 7Page - National Semiconductor (TI) LM50 Datasheet HTML 8Page - National Semiconductor (TI) LM50 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM50
SOT-23 Single-Supply Centigrade Temperature Sensor
General Description
The LM50 is a precision integrated-circuit temperature sen-
sor that can sense a −40˚C to +125˚C temperature range
using a single positive supply. The LM50’s output voltage is
linearly proportional to Celsius (Centigrade) temperature
(+10 mV/˚C) and has a DC offset of +500 mV. The offset
allows reading negative temperatures without the need for a
negative supply. The ideal output voltage of the LM50 ranges
from +100 mV to +1.75V for a −40˚C to +125˚C temperature
range. The LM50 does not require any external calibration or
trimming to provide accuracies of ±3˚C at room temperature
and ±4˚C over the full −40˚C to +125˚C temperature range.
Trimming and calibration of the LM50 at the wafer level
assure low cost and high accuracy. The LM50’s linear out-
put, +500 mV offset, and factory calibration simplify circuitry
required in a single supply environment where reading nega-
tive temperatures is required. Because the LM50’s quiescent
current is less than 130 µA, self-heating is limited to a very
low 0.2˚C in still air.
Applications
n
Computers
n
Disk Drives
n
Battery Management
n
Automotive
n
FAX Machines
n
Printers
n
Portable Medical Instruments
n
HVAC
n
Power Supply Modules
Features
n
Calibrated directly in degree Celsius (Centigrade)
n
Linear + 10.0 mV/˚C scale factor
n ±
2˚C accuracy guaranteed at +25˚C
n
Specified for full −40˚ to +125˚C range
n
Suitable for remote applications
n
Low cost due to wafer-level trimming
n
Operates from 4.5V to 10V
n
Less than 130 µA current drain
n
Low self-heating, less than 0.2˚C in still air
n
Nonlinearity less than 0.8˚C over temp
n
UL Recognized Component
Connection Diagram
SOT-23
01203001
Top View
See NS Package Number mf03A
Order
Device
Supplied As
Number
Top Mark
LM50BIM3
T5B
1000 Units on Tape
and Reel
LM50CIM3
T5C
1000 Units on Tape
and Reel
LM50BIM3X
T5B
3000 Units on Tape
and Reel
LM50CIM3X
T5C
3000 Units on Tape
and Reel
February 2006
© 2006 National Semiconductor Corporation
DS012030
www.national.com


Similar Part No. - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50 TI1-LM50 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI1-LM50 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results

Similar Description - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com