Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM62 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM62
Description  2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM62 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM62 Datasheet HTML 1Page - National Semiconductor (TI) LM62 Datasheet HTML 2Page - National Semiconductor (TI) LM62 Datasheet HTML 3Page - National Semiconductor (TI) LM62 Datasheet HTML 4Page - National Semiconductor (TI) LM62 Datasheet HTML 5Page - National Semiconductor (TI) LM62 Datasheet HTML 6Page - National Semiconductor (TI) LM62 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
+12V to −0.2V
Output Voltage
(+V
S + 0.6V) to −0.6V
Output Current
10 mA
Input Current at any pin (Note 2)
5 mA
Storage Temperature
−65˚C to +150˚C
Junction Temperature, max
(T
JMAX)
+125˚C
ESD Susceptibility (Note 3) :
Human Body Model
2500V
Machine Model
250V
Operating Ratings(Note 1)
Specified Temperature Range:
T
MIN
≤ T
A
≤ T
MAX
LM62B, LM62C
0˚C
≤ T
A
≤ +90˚C
Supply Voltage Range (+V
S)
+2.7V to +10V
Thermal Resistance,
θ
JA(Note 5)
450˚C/W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 4)
Electrical Characteristics
Unless otherwise noted, these specifications apply for +V
S = +3.0 VDC. Boldface limits apply for TA =TJ =TMIN to TMAX ; all
other limits T
A =TJ = 25˚C.
Parameter
Conditions
Typical
(Note 6)
LM62B
LM62C
Units
(Limit)
Limits
Limits
(Note 7)
(Note 7)
Accuracy (Note 8)
±2.0
±3.0
˚C (max)
+2.5/−2.0
+4.0/−3.0
˚C (max)
Output Voltage at 0˚C
+480
mV
Nonlinearity (Note 9)
±0.8
±1.0
˚C (max)
Sensor Gain
+16
+16.1
+16.3
mV/˚C (max)
(Average Slope)
+15.1
+14.9
mV/˚C (min)
Output Impedance
+3.0V
≤ +V
S
≤ +10V
4.7
4.7
k
Ω (max)
0˚C
≤ T
A
≤ +75˚C, +V
S= +2.7V
4.4
4.4
k
Ω (max)
Line Regulation (Note 10)
+3.0V
≤ +V
S
≤ +10V
±1.13
±1.13
mV/V (max)
+2.7V
≤ +V
S
≤ +3.3V, 0˚C ≤ T
A
≤ +75˚C
±9.7
±9.7
mV (max)
Quiescent Current
+2.7V
≤ +V
S
≤ +10V
82
130
130
µA (max)
165
165
µA (max)
Change of Quiescent Current
+2.7V
≤ +V
S
≤ +10V
±5µA
Temperature Coefficient of
0.2
µA/˚C
Quiescent Current
Long Term Stability (Note 11)
T
J=TMAX=+100˚C,
for 1000 hours
±0.2
˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > +VS), the current at that pin should be limited to 5 mA.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 5: The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
Note 6: Typicals are at TJ =TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Accuracy is defined as the error between the output voltage and +15.6 mV/˚C times the device’s case temperature plus 480 mV, at specified conditions of
voltage, current, and temperature (expressed in ˚C).
Note 9: Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device’s rated temperature
range.
Note 10: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating effects can be
computed by multiplying the internal dissipation by the thermal resistance.
Note 11: For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature cycled for at least 46
hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered; allow time for stress relaxation to occur. The
majority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after 1000 hours will not continue at the first 1000 hour rate.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com