Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM62 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM62
Description  2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM62 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM62 Datasheet HTML 1Page - National Semiconductor (TI) LM62 Datasheet HTML 2Page - National Semiconductor (TI) LM62 Datasheet HTML 3Page - National Semiconductor (TI) LM62 Datasheet HTML 4Page - National Semiconductor (TI) LM62 Datasheet HTML 5Page - National Semiconductor (TI) LM62 Datasheet HTML 6Page - National Semiconductor (TI) LM62 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Performance Characteristics To generate these curves the LM62 was mounted to a
printed circuit board as shown in Figure 2.
Thermal Resistance
Junction to Air
Thermal Time Constant
10089303
10089304
Thermal Response in
Still Air with Heat Sink
Thermal Response
in Stirred Oil Bath
with Heat Sink
10089305
10089306
Thermal Response in Still
Air without a Heat Sink
Quiescent Current
vs. Temperature
10089308
10089309
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com