Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM62 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM62
Description  2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM62 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM62 Datasheet HTML 1Page - National Semiconductor (TI) LM62 Datasheet HTML 2Page - National Semiconductor (TI) LM62 Datasheet HTML 3Page - National Semiconductor (TI) LM62 Datasheet HTML 4Page - National Semiconductor (TI) LM62 Datasheet HTML 5Page - National Semiconductor (TI) LM62 Datasheet HTML 6Page - National Semiconductor (TI) LM62 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.0 Mounting
The LM62 can be applied easily in the same way as other
integrated-circuit temperature sensors. It can be glued or
cemented to a surface. The temperature that the LM62 is
sensing will be within about +0.2˚C of the surface tempera-
ture that LM62’s leads are attached to.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the
actual temperature measured would be at an intermediate
temperature between the surface temperature and the air
temperature.
To ensure good thermal conductivity the backside of the
LM62 die is directly attached to the GND pin. The lands and
traces to the LM62 will, of course, be part of the printed
circuit board, which is the object whose temperature is being
measured. These printed circuit board lands and traces will
not cause the LM62’s temperature to deviate from the de-
sired temperature.
Alternatively, the LM62 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the LM62 and
accompanying wiring and circuits must be kept insulated and
dry, to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paints or dips are often used to
ensure that moisture cannot corrode the LM62 or its connec-
tions.
The thermal resistance junction to ambient (
θ
JA) is the pa-
rameter used to calculate the rise of a device junction tem-
perature due to its power dissipation. For the LM62 the
equation used to calculate the rise in the die temperature is
as follows:
T
J =TA +
θ
JA [(+VS IQ) + (+VS −VO)IL]
where I
Q is the quiescent current and ILis the load current on
the output. Since the LM62’s junction temperature is the
actual temperature being measured care should be taken to
minimize the load current that the LM62 is required to drive.
The table shown in Figure 3 summarizes the rise in die
temperature of the LM62 without any loading, and the ther-
mal resistance for different conditions.
2.0 Capacitive Loads
The LM62 handles capacitive loading well. Without any spe-
cial precautions, the LM62 can drive any capacitive load as
shown in Figure 4. Over the specified temperature range the
LM62 has a maximum output impedance of 4.7 k
Ω.Inan
extremely noisy environment it may be necessary to add
some filtering to minimize noise pickup. It is recommended
that 0.1 µF be added from +V
S to GND to bypass the power
supply voltage, as shown in Figure 5. In a noisy environment
it may be necessary to add a capacitor from the output to
ground. A 1 µF output capacitor with the 4.7 k
Ω maximum
output impedance will form a 34 Hz lowpass filter. Since the
thermal time constant of the LM62 is much slower than the
30 ms time constant formed by the RC, the overall response
time of the LM62 will not be significantly affected. For much
larger capacitors this additional time lag will increase the
overall response time of the LM62.
SOT-23
SOT-23
no heat sink
small heat fin
(Note 13)
(Note 12)
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
450
0.17
260
0.1
Moving air
180
0.07
Note 12: Heat sink used is 1⁄2" square printed circuit board with 2 oz. foil with
part attached as shown in Figure 2 .
Note 13: Part soldered to 30 gauge wire.
FIGURE 3. Temperature Rise of LM62 Due to
Self-Heating and Thermal Resistance (
θ
JA)
10089315
FIGURE 4. LM62 No Decoupling Required for
Capacitive Load
10089316
FIGURE 5. LM62 with Filter for Noisy Environment
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com