Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM62 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM62
Description  2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM62 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM62 Datasheet HTML 1Page - National Semiconductor (TI) LM62 Datasheet HTML 2Page - National Semiconductor (TI) LM62 Datasheet HTML 3Page - National Semiconductor (TI) LM62 Datasheet HTML 4Page - National Semiconductor (TI) LM62 Datasheet HTML 5Page - National Semiconductor (TI) LM62 Datasheet HTML 6Page - National Semiconductor (TI) LM62 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM62
2.7V, 15.6 mV/˚C SOT-23 Temperature Sensor
General Description
The LM62 is a precision integrated-circuit temperature sen-
sor that can sense a 0˚C to +90˚C temperature range while
operating from a single +3.0V supply. The LM62’s output
voltage is linearly proportional to Celsius (Centigrade) tem-
perature (+15.6 mV/˚C) and has a DC offset of +480 mV.
The offset allows reading temperatures down to 0˚C without
the need for a negative supply. The nominal output voltage of
the LM62 ranges from +480 mV to +1884 mV for a 0˚C to
+90˚C temperature range. The LM62 is calibrated to provide
accuracies of ±2.0˚C at room temperature and +2.5˚C/
−2.0˚C over the full 0˚C to +90˚C temperature range.
The LM62’s linear output, +480 mV offset, and factory cali-
bration simplify external circuitry required in a single supply
environment where reading temperatures down to 0˚C is
required. Because the LM62’s quiescent current is less than
130 µA, self-heating is limited to a very low 0.2˚C in still air.
Shutdown capability for the LM62 is intrinsic because its
inherent low power consumption allows it to be powered
directly from the output of many logic gates.
Features
n
Calibrated linear scale factor of +15.6 mV/˚C
n
Rated for full 0˚C to +90˚C range with 3.0V supply
n
Suitable for remote applications
Applications
n
Cellular Phones
n
Computers
n
Power Supply Modules
n
Battery Management
n
FAX Machines
n
Printers
n
HVAC
n
Disk Drives
n
Appliances
Key Specifications
n
Accuracy at 25˚C
±2.0 or ±3.0˚C (max)
n
Temperature Slope
+15.6 mV/˚C
n
Power Supply Voltage Range
+2.7V to +10V
n
Current Drain @ 25˚C
130 µA (max)
n
Nonlinearity
±0.8˚C (max)
n
Output Impedance
4.7 k
Ω (max)
Connection Diagram
SOT-23
10089301
Top View
See NS Package Number mf03a
Ordering Information
Order
Device
Number
Top Mark
Supplied As
LM62BIM3
T7B
1000 Units, Tape and Reel
LM62BIM3X
T7B
3000 Units, Tape and Reel
LM62CIM3
T7C
1000 Units, Tape and Reel
LM62CIM3X
T7C
3000 Units, Tape and Reel
Typical Application
10089302
VO = (+15.6 mV/˚C x T˚C) + 480 mV
Temperature (T)
Typical V
O
+90˚C
+1884 mV
+70˚C
+1572 mV
+25˚C
870 mV
0˚C
+480 mV
FIGURE 1. Full-Range Centigrade Temperature Sensor
(0˚C to +90˚C)
Stabilizing a Crystal Oscillator
August 2005
© 2005 National Semiconductor Corporation
DS100893
www.national.com


Similar Part No. - LM62

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM62 TI-LM62 Datasheet
1Mb / 15P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
LM62 TI2-LM62 Datasheet
722Kb / 17P
LM62 2.7V, 15.6 mV/°C SOT-23 Temperature Sensor
REVISED MARCH 2013
logo
KODENSHI_AUK CORP.
LM620 KODENSHI-LM620 Datasheet
339Kb / 1P
High-Brightness RGB Full Color
logo
Cystech Electonics Corp...
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
Low Dropout CMOS Voltage Regulators
More results

Similar Description - LM62

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62 Datasheet
218Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 TI-LM62_15 Datasheet
1Mb / 15P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com