Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4410-6ACPZ-R7
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4410-6ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADA4410-6
Rev. C | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, G = ×2, RL = 150 Ω, VO = 1.4 V p-p, VS = 5 V, TA = 25°C.
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1
10
100
FREQUENCY (MHz)
BLACK LINES: VS = +5V
GRAY LINES: VS =±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 4. Frequency Response vs. Power Supply and Cutoff Frequency (G = ×2)
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
1
10
100
FREQUENCY (MHz)
BLACK LINES: VS = +5V
GRAY LINES: VS =±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 5. Frequency Response Flatness vs. Cutoff Frequency (G = ×2)
9
–45
–48
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1
10
100
FREQUENCY (MHz)
BLACK LINES: VO = 2V p-p
GRAY LINES: VO = 0.1V p-p
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 6. Frequency Response vs. Cutoff Frequency and Output Amplitude
9
12
15
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1
10
100
FREQUENCY (MHz)
BLACK LINES: VS = +5V
GRAY LINES: VS =±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 7. Frequency Response vs. Power Supply and Cutoff Frequency (G = ×4)
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
1
10
100
FREQUENCY (MHz)
BLACK LINES: VS = +5V
GRAY LINES: VS =±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 8. Frequency Response Flatness vs. Cutoff Frequency (G = ×4)
9
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
–39
–42
–45
–48
1
100
10
FREQUENCY (MHz)
FC = 9MHz
FC = 18MHz
FC = 36MHz
RED LINES: +85°C
GREEN LINES: +25°C
BLUE LINES: –40°C
Figure 9. Frequency Response vs. Temperature and Cutoff Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com