Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4410-6ACPZ-R7
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4410-6ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADA4410-6
Rev. C | Page 11 of 16
–5
–75
–65
–55
–45
–35
–25
–15
0.1
1
100
10
FREQUENCY (MHz)
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 16. Positive Supply PSRR vs. Frequency and Cutoff Frequency
3.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
200ns/DIV
FC = 9MHz
FC = 36MHz
FC = 18MHz
Figure 17. Transient Response vs. Cutoff Frequency (G = ×2)
t = 0
50ns/DIV
ERROR = 2 × INPUT – OUTPUT (0.5%/DIV)
0.5% (65ns)
OUTPUT
2 × INPUT
1% (57ns)
3.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
Figure 18. Settling Time
–5
–75
–65
–55
–45
–35
–25
–15
0.1
1
100
10
FREQUENCY (MHz)
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 19. Negative Supply PSRR vs. Frequency and Cutoff Frequency
200ns/DIV
FC = 9MHz
FC = 36MHz
FC = 18MHz
G = 4
VO = 1.4V p-p
3.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
Figure 20. Transient Response vs. Cutoff Frequency (G = ×4)
6
5
4
3
2
1
0
–1
200ns/DIV
FC = 9MHz
2 × INPUT VOLTAGE
FC = 18MHz
FC = 36MHz
Figure 21. Overdrive Recovery vs. Cutoff Frequency
MINIMUM-LOSS MATCHING NETWORK LOSS CALIBRATED OUT
50Ω
118Ω
RL = 150Ω
50Ω
86.6Ω
50Ω
NETWORK
ANALYZER Tx
NETWORK
ANALYZER Rx
DUT
Figure 22. Basic Test Circuit for Swept Frequency Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com