Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4410-6ACPZ-R7
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4410-6ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4410-6
Data Sheet
Rev. C | Page 10 of 16
100
90
80
70
60
50
40
30
20
10
1
10
100
FREQUENCY (MHz)
BLACK LINES: VS = +5V
GRAY LINES: VS =±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 10. Group Delay vs. Frequency, Power Supply, and Cutoff Frequency
–40
–110
–100
–90
–80
–70
–60
–50
0.1
1
100
10
FREQUENCY (MHz)
FC = 9MHz
FC = 18MHz
FC = 36MHz
RSOURCE = 300Ω
Y1, Pb1 SOURCE CHANNELS
Pr1 RECEPTOR CHANNEL
Figure 11. HD Channel Crosstalk vs. Frequency and Cutoff Frequency
–40
–110
–100
–90
–80
–70
–60
–50
0.1
1
100
10
FREQUENCY (MHz)
RSOURCE = 300Ω
UNSELECTED MUX IS DRIVEN
FC = 36MHz
FC = 18MHz
FC = 9MHz
Figure 12. HD Mux Isolation vs. Frequency and Cutoff Frequency
–60
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
01
5
4
3
2
FREQUENCY (MHz)
BANDWIDTH 100kHz TO 4.2MHz
NTC-7 WEIGHT
Figure 13. CV Noise Spectrum
–40
–110
–100
–90
–80
–70
–60
–50
0.1
1
100
10
FREQUENCY (MHz)
RSOURCE = 300Ω
MUX INPUT 2 SELECTED
Y1, C1 SOURCE CHANNELS
Y2 RECEPTOR CHANNEL
C2 SOURCE CHANNEL
Y2 RECEPTOR CHANNEL
Figure 14. SD Channel Crosstalk vs. Frequency
–40
–110
–100
–90
–80
–70
–60
–50
0.1
1
100
10
FREQUENCY (MHz)
UNSELECTED MUX IS DRIVEN
RSOURCE = 300Ω
RSOURCE = 75Ω
Figure 15. SD Mux Isolation vs. Frequency and Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com