Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4410-6ACPZ-R7
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4410-6ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADA4410-6
Rev. C | Page 15 of 16
PRINTED CIRCUIT BOARD LAYOUT
As with all high speed applications, attention to printed circuit
board layout is of paramount importance. Standard high speed
layout practices should be adhered to when designing with the
ADA4410-6. A solid ground plane is recommended, and
surface-mount ceramic power supply decoupling capacitors
should be placed as close as possible to the supply pins. All of
the ADA4410-6 GND pins should be connected to the ground
plane with traces that are as short as possible. Controlled
impedance traces of the shortest length possible should be used
to connect to the signal I/O pins and should not pass over any
voids in the ground plane. A 75 Ω impedance level is typically
used in video applications. All signal outputs of the ADA4410-6
should include series termination resistors when driving
transmission lines.
When the ADA4410-6 receives its inputs from a device with
current outputs, the required load resistor value for the output
current is often different from the characteristic impedance of
the signal traces. In this case, if the interconnections are sufficiently
short (<< 0.1 wavelength), the trace does not have to be terminated
in its characteristic impedance. Figure 27 shows an example in
which the ADA4410-6 input originates from DACs that require
300 Ω load resistors. Traces of 75 Ω can be used in this instance,
provided their lengths are an inch or two at the most. This is
easily achieved because the ADA4410-6 and the device feeding
it are usually adjacent to each other, and connections can be
made that are less than one inch in length.
VIDEO ENCODER RECONSTRUCTION FILTER
The ADA4410-6 is easily applied as a reconstruction filter at the
DAC outputs of a video encoder. Figure 27 illustrates how to use
the ADA4410-6 in this type of application with an ADV7314 video
encoder in a single-supply application with ac-coupled outputs.
2.5V
(ANALOG)
2.5V
(DIGITAL)
2.5V/3.3V
(DIGITAL I/O)
5V
(ANALOG)
DEVICE
ADDRESS
SELECT
COMP1
COMP2
VDD_IO
I2C
I2C
BUS
AD1580
VREF
VAA
VDD
Y9–Y0
C9–C0
S9–S0
SCLK
SDA
ALSB
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
RSET2
RSET1
EXT_LF
NOTE: EACH POWER SUPPLY PIN MUST HAVE ITS OWN DECOUPLING NETWORK
1
44
43
42
39
38
37
47
35
10, 56
36
45
41
46
33
34
2-9, 12, 13
14-18, 26-30
51-55, 58-62
20
21
22
ADV7314
CLKIN_A
CLKIN_B
32
63
P_HSYNC
P_VSYNC
P_BLANK
S_HSYNC
S_VSYNC
S_BLANK
23
24
25
50
49
48
AGND
DGND
GND_IO
64
11, 57
40
19
RTC_SCR_TR
31
NC
12 Y1_SD
Y2_SD
13
C1_SD
C2_SD
14
15
Y1/G1_HD
Y2/G2_HD
31
6
Pb1/B1_HD
Pb2/B2_HD
1
8
Pr1/R1_HD
Pr2/R2_HD
3
10
LEVEL1
LEVEL2
VCC
16
29
28
G_SEL
21
DISABLE
27
MUX_SD
11
MUX_HD
30
F_SEL_A
4
F_SEL_B
5
20
Y_SD_OUT
19
C_SD_OUT
18
CV_OUT
GND
2, 7, 9, 32
VEE
17, 25
24
Y/G_HD_OUT
23
Pb/B_HD_OUT
22
Pr/R_HD_OUT
26
VCC
CHANNEL 2
VIDEO INPUTS
BINARY
CONTROL
INPUTS
ADA4410-6
MULTIFUNCTIONAL
INPUT
SYNC AND
BLANKING
SIGNALS
PIXEL
CLOCKS
DIGITAL
VIDEO
BUSES
75Ω
220µF
75Ω
220µF
75Ω
220µF
75Ω
0.1µF
75Ω
220µF
75Ω
220µF
300Ω
300Ω
300Ω
300Ω
300Ω
3.04kΩ
3.04kΩ
100Ω
100Ω
RESET
RESET
DNP*
*DO NOT POPULATE
0Ω
634Ω
10kΩ
5kΩ
5kΩ
5kΩ
5kΩ
0.1µF
DNP*
0.1µF
0.1µF
0.01µF
0.01µF
0.1µF
0.1µF
0.1µF
0.1µF
820pF
3.5pF
0.01µF 0.1µF
4.7µF +
0.1µF
1.1kΩ
4.7kΩ
4.7kΩ
Figure 27. The ADA4410-6 Applied as a Reconstruction Filter Following the ADV7314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com