Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4432-1BCPZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4432-1BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. E | Page 7 of 25
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. ADA4432-1 8-Lead LFCSP Pin Configuration, Top View
Figure 5. ADA4432-1 6-Lead SOT-23 Pin Configuration, Top View
Table 5. ADA4432-1 8-Lead LFCSP Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
NC
No Connect. Do not connect to this pin.
2
STB
Short-to-Battery Indicator Output. A logic
high indicates a short-to-battery condition,
and a logic low indicates normal operation.
3
+VS
Positive Power Supply. Bypass with 0.1 µF
capacitor to GND.
4
OUT
Amplifier Output.
5
NC
No Connect. Do not connect to this pin.
6
GND
Power Supply Ground Pin.
7
ENA
Enable Function. Connect to +VS or float for
normal operation; connect to GND for
device disable.
8
IN
Input.
EPAD
The exposed pad can be connected to the
ground plane.
Table 6. ADA4432-1 6-Lead SOT-23 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
IN
Input.
2
GND
Power Supply Ground Pin.
3
NC
No Connect. Do not connect to this pin.
4
OUT
Amplifier Output.
5
ENA
Enable Function. Connect to +VS or float for
normal operation; connect to GND for
device disable.
6
+VS
Positive Power Supply. Bypass with 0.1 µF
capacitor to GND.
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD CAN BE CONNECTED
TO THE GROUND PLANE.
3
+VS
4
OUT
1
NC
2
STB
6 GND
5 NC
8 IN
7 ENA
ADA4432-1
TOP VIEW
(Not to
Scale)
IN
1
GND
NOTES:
1. NC = NO CONNECT.
2
NC
3
+VS
6
ENA
5
OUT
4
ADA4432-1
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com