Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4432-1BCPZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4432-1BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SD Video Filter Amplifiers
with Output Short-to-Battery Protection
Data Sheet
ADA4432-1/ADA4433-1
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Qualified for automotive applications
Output overvoltage (short-to-battery) protection up to 18 V
Short-to-battery output flag for wire diagnostics
Output short-to-ground protection
Fifth-order, low-pass video filter
0.1 dB flatness to 3 MHz
−3 dB bandwidth of 10 MHz
45 dB rejection at 27 MHz
Ultralow power-down current: 13.5 µA typical
Low quiescent current
7.6 mA typical (ADA4432-1)
13.2 mA typical (ADA4433-1)
Low supply voltage: 2.6 V to 3.6 V
Small packaging
8-lead, 3 mm × 3 mm LFCSP
6-lead SOT-23 (ADA4432-1 only)
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
Automotive rearview cameras
Automotive video electronic control units (ECUs)
Surveillance video systems
GENERAL DESCRIPTION
The ADA4432-1 (single-ended output) and ADA4433-1
(differential output) are fully integrated video reconstruction
filters that combine overvoltage protection (short-to-battery [STB]
protection) and short-to-ground (STG) protection on the outputs,
with excellent video specifications and low power consumption.
The combination of STB protection and robust ESD tolerance
allows the ADA4432-1 and the ADA4433-1 to provide superior
protection in the hostile automotive environment.
The ADA4432-1 is a single-ended input/single-ended output
video filter capable of driving long back-terminated cables.
The ADA4433-1 is a fully differential video filter that can be
used as a fully differential input to a differential output or as a
single-ended input to a differential output, allowing it to easily
connect to both differential and single-ended sources. It is
capable of driving twisted pair or coaxial cable with minimal
line attenuation. Differential signal processing reduces the effects
of ground noise, which can plague ground referenced systems.
The ADA4433-1 is ideal for differential signal processing (gain
and filtering) throughout the signal chain, simplifying the
conversion between single-ended and differential components.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1.
Figure 2.
The short-to-battery protection integrated into the ADA4432-1
and ADA4433-1 protects against both dc and transient
overvoltage events, caused by an accidental short to a battery
voltage up to 18 V. The Analog Devices, Inc., short-to-battery
protection eliminates the need for large output coupling capacitors
and other complicated circuits used to protect standard video
amplifiers, saving space and cost.
The ADA4432-1 and ADA4433-1 feature a high-order filter with
−3 dB cutoff frequency response at 10 MHz and 45 dB of rejection
at 27 MHz. The ADA4432-1 and ADA4433-1 feature an internally
fixed gain of 2 V/V. This makes the ADA4432-1 and ADA4433-1
ideal for SD video applications, including NTSC and PAL.
The ADA4432-1 and ADA4433-1 operate on single supplies as
low as 2.6 V and as high as 3.6 V while providing the dynamic
range required by the most demanding video systems.
The ADA4432-1 and ADA4433-1 are offered in an 8-lead, 3 mm ×
3 mm LFCSP package. The ADA4432-1 is also available in a
6-lead SOT-23 package. All are rated for operation over the
wide automotive temperature range of −40°C to +125°C.
IN
GND
STB
(LFCSP ONLY)
ENA
+VS
×1
×2
STB
ADA4432-1
OFFSET
SD
OUT
+IN
GND
STB
ENA
+VS
R
R
2R
2R
×1
STB
STB
ADA4433-1
SD
–OUT
+OUT
–IN
×1
SD
+


Similar Part No. - ADA4432-1BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4432-1BCPZ-R7 AD-ADA4432-1BCPZ-R7 Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
ADA4432-1BCPZ-R7 AD-ADA4432-1BCPZ-R7 Datasheet
517Kb / 25P
SD Video Filter Amplifiers
5/2017-Rev. D to Rev. E
More results

Similar Description - ADA4432-1BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
logo
Analog Devices
ADA4432-1 AD-ADA4432-1 Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
logo
STMicroelectronics
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
TSH173 triple video buffer with filter for SD video
31-Jan-2008
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
logo
Analog Devices
ADA4432-1 AD-ADA4432-1_17 Datasheet
517Kb / 25P
SD Video Filter Amplifiers
5/2017-Rev. D to Rev. E
logo
ON Semiconductor
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com