Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4432-1BCPZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4432-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ADA4432-1/ADA4433-1
Data Sheet
Rev. E | Page 18 of 25
CONFIGURING THE ADA4433-1 FOR SINGLE-
ENDED INPUT SIGNALS
The ADA4433-1 is a fully differential filter/driver that can be
used as a single-ended-to-differential amplifier or as a differential-
to-differential amplifier. In single-ended-to-differential output
applications, bias the −IN input appropriately to optimize the
output range. To make the most efficient use of the output range
of the ADA4433-1, especially with low supply voltages, it is
important to allow the differential output voltage to swing in
both a positive and negative direction around the output common-
mode voltage (VOCM) level, the midsupply point. To do this, the
differential input voltage must swing both positive and negative.
Figure 46 shows a 1 V p-p single-ended signal on +IN with −IN
grounded. This produces a differential input voltage that ranges
from 0 V to 1 V. The resulting differential output voltage is
strictly positive, where each output swings only above V+OUT or
below V−OUT, the midsupply VOCM level. Directly at the output of the
ADA4433-1, the output voltage extends from 0.65 V to 2.65 V,
requiring a full 2 V of output to produce a 1 V p-p signal at the
receiver (represented by the voltage across 2R).
To make a more efficient use of the output range, the −IN input is
biased at the midpoint of the expected input signal range, as shown
in Figure 47. A 1 V p-p single-ended signal on +IN, with −IN
biased at 0.5 V, produces a differential input voltage that ranges
from −0.5 V to +0.5 V. The resulting differential output voltage
now contains both positive and negative components, where
each output swings both above and below the midsupply VOCM
level. Directly at the output of the ADA4433-1, the output
voltage now extends only from 1.15 V to 2.15 V, requiring only
1 V of the output to produce a 1 V p-p signal at the receiver.
Figure 46. Single-Ended-to-Differential Configuration with Negative Input (−IN) Connected to Ground
Figure 47. Single-Ended-to-Differential Configuration with Negative Input (−IN) Connected to 0.5 V
INPUT SIGNAL
ADA4433-1
V+IN
VOCM =
1.65V
V+OUT
V–OUT
+
–
V–IN
VDIFF (IN) = V+IN – V–IN
VDIFF (OUT) = V+OUT – V–OUT
VOUT = VDIFF (OUT) ÷ 2
VOUT
R
2R
2.65V
0.65V
R
0V
1.0V
1V p-p
DIFFERENTIAL OUTPUT SIGNAL
DIFFERENTIAL OUTPUT SIGNAL ACROSS 2R
1V p-p
INPUT SIGNAL
ADA4433-1
VOCM =
1.65V
+
–
VDIFF (IN) = V+IN – V–IN
VDIFF (OUT) = V+OUT – V–OUT
VOUT = VDIFF (OUT) ÷ 2
VOUT
R
2R
1.15V
2.15V
R
0V
0.5V
1.0V
1V p-p
DIFFERENTIAL OUTPUT SIGNAL
DIFFERENTIAL OUTPUT SIGNAL ACROSS 2R
1V p-p
V+IN
V+OUT
V–OUT
V–IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com