Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4432-1BCPZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4432-1BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4432-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ADA4432-1/ADA4433-1
Data Sheet
Rev. E | Page 12 of 25
ADA4433-1 TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 3.3 V, V−IN = 0.5 V, RL = 150 Ω, unless otherwise specified.
Figure 25. Frequency Response at Various Output Amplitudes
Figure 26. Large Signal Frequency Response at Various Temperatures
Figure 27. 1 dB Flatness Response at Various Load Resistances
Figure 28. 1 dB Flatness Response at Various Output Amplitudes
Figure 29. 1 dB Flatness Response at Various Temperatures
Figure 30. Group Delay vs. Frequency
–66
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
6
12
0.1
1
10
100
FREQUENCY (MHz)
VOUT = 0.2V p-p
VOUT = 2.0V p-p
–66
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
6
12
0.1
1
10
100
FREQUENCY (MHz)
+125°C
+25°C
–40°C
VOUT = 2.0V p-p
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0.1
1
10
FREQUENCY (MHz)
RLOAD = 75Ω
RLOAD = 150Ω
VOUT = 2.0V p-p
RLOAD = 100Ω
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.1
1
10
100
FREQUENCY (MHz)
VOUT = 0.2V p-p
VOUT = 2.0V p-p
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.1
1
10
100
FREQUENCY (MHz)
+125°C
+25°C
–40°C
VOUT = 2.0V p-p
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com