Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8564
Description  Quad 7 ns Single Supply Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564 Datasheet(HTML) 4 Page - Analog Devices

  AD8564 Datasheet HTML 1Page - Analog Devices AD8564 Datasheet HTML 2Page - Analog Devices AD8564 Datasheet HTML 3Page - Analog Devices AD8564 Datasheet HTML 4Page - Analog Devices AD8564 Datasheet HTML 5Page - Analog Devices AD8564 Datasheet HTML 6Page - Analog Devices AD8564 Datasheet HTML 7Page - Analog Devices AD8564 Datasheet HTML 8Page - Analog Devices AD8564 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8564
Rev. B | Page 4 of 12
V+ANA = V+DIG = 5.0 V, V−ANA = −5 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
2.3
7
mV
−40°C ≤ TA ≤ +125°C1
10
mV
Offset Voltage Drift
ΔVOS/ΔT
4
μV/°C
Input Bias Current
IB
VCM = 0 V
±4
μA
−40°C ≤ TA ≤ +125°C1
±9
μA
Input Offset Current
IOS
VCM = 0 V
±3
μA
Input Common-Mode Voltage Range
VCM
−4.9
+3.5
V
Common-Mode Rejection Ratio
CMRR
0 V ≤ VCM ≤ 3.0 V
65
85
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ
3000
V/V
Input Capacitance
CIN
3.0
pF
DIGITAL OUTPUTS
Logic 1 Voltage
VOH
IOH = –3.2 mA, ΔVIN > +250 mV
2.6
3.6
V
Logic 0 Voltage
VOL
IOL = 3.2 mA, ΔVIN > 250 mV
0.2
0.3
V
DYNAMIC PERFORMANCE2
Propagation Delay
tP
200 mV step with 100 mV overdrive
6.75
9.8
ns
−40°C ≤ TA ≤ +85°C1
8
13
ns
100 mV step with 5 mV overdrive
8
ns
Differential Propagation Delay (Rising Propagation Delay
vs. Falling Propagation Delay)
ΔtP
100 mV step with 20 mV overdrive
0.5
2.0
ns
Rise Time
20% to 80%
3
ns
Fall Time
20% to 80%
3
ns
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
4.5 V ≤ V+ANA and V+DIG ≤ 5.5 V
50
70
dB
Analog Supply Current
I+ANA
10.8
14.0
mA
−40°C ≤ TA ≤ +85°C1
15.6
mA
−40°C ≤ TA ≤ +125°C1
17
mA
Digital Supply Current
IDIG
VO = 0 V, RL = ∞
3.6
4.4
mA
−40°C ≤ TA ≤ +125°C1
5.6
mA
Analog Supply Current
I−ANA
−8.2
+14.0
mA
−40°C ≤ TA ≤ +85°C1
15.6
mA
−40°C ≤ TA ≤ +125°C1
17
mA
1 Full electrical specifications to −55°C, but these package types are guaranteed for operation from −40°C to +125°C only. Package reliability below −40°C is not guaranteed.
2 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com