Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8564
Description  Quad 7 ns Single Supply Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564 Datasheet(HTML) 1 Page - Analog Devices

  AD8564 Datasheet HTML 1Page - Analog Devices AD8564 Datasheet HTML 2Page - Analog Devices AD8564 Datasheet HTML 3Page - Analog Devices AD8564 Datasheet HTML 4Page - Analog Devices AD8564 Datasheet HTML 5Page - Analog Devices AD8564 Datasheet HTML 6Page - Analog Devices AD8564 Datasheet HTML 7Page - Analog Devices AD8564 Datasheet HTML 8Page - Analog Devices AD8564 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Quad 7 ns
Single Supply Comparator
AD8564
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2007 Analog Devices, Inc. All rights reserved.
FEATURES
5 V single-supply operation
7 ns propagation delay
Low power
Separate input and output sections
TTL/CMOS logic-compatible outputs
Wide output swing
TSSOP, SOIC, and PDIP packages
APPLICATIONS
High speed timing
Line receivers
Data communications
High speed V-to-F converters
Battery operated instrumentation
High speed sampling systems
Window comparators
PCMCIA cards
Upgrade for MAX901 designs
PIN CONFIGURATIONS
+IN A
GND
OUT A
+IN D
V+ANA
OUT D
–IN D
–IN A
V+DIG
+IN C
–IN C
OUT C
+IN B
–IN B
OUT B
V–ANA
116
89
AD8564
Figure 1. 16-Lead TSSOP
(RU-16)
AD8564
–IN A
+IN A
GND
OUT A
OUT B
V–ANA
+IN B
–IN B
–IN D
+IN D
V+ANA
OUT D
OUT C
V+DIG
+IN C
–IN C
Figure 2. 16-Lead Narrow Body SOIC
(R-16)
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
–IN A
OUT D
+IN D
–IN D
+IN A
GND
OUT A
+IN C
OUT C
OUT B
+IN B
–IN B
–IN C
+
AD8564
V–ANA
V+ANA
V+DIG
+
+
+
Figure 3. 16-Lead PDIP
(N-16)
GENERAL DESCRIPTION
The AD8564 is a quad 7 ns comparator with separate input and
output supplies, thus enabling the input stage to be operated
from ±5 V dual supplies or a 5 V single supply while maintaining a
CMOS-/TTL-compatible output.
Fast 7 ns propagation delay makes the AD8564 a good choice
for timing circuits and line receivers. Independent analog and
digital supplies provide excellent protection from supply pin
interaction. The AD8564 is pin compatible with the MAX901
and has lower supply currents.
All four comparators have similar propagation delays. The
propagation delay for rising and falling signals is similar, and
tracks over temperature and voltage. These characteristics make
the AD8564 a good choice for high speed timing and data
communications circuits. For a similar single comparator with
latch function, refer to the AD8561 data sheet.
The AD8564 is specified over the industrial temperature range
(−40°C to +125°C). The quad AD8564 is available in the 16-lead
TSSOP, 16-lead narrow body SOIC, and 16-lead plastic DIP
packages.


Similar Part No. - AD8564

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8564 AD-AD8564 Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8564AN AD-AD8564AN Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8564AR AD-AD8564AR Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8564ARU AD-AD8564ARU Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
Quad 7 ns Single Supply Comparator
Rev. B
More results

Similar Description - AD8564

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
Ultrafast 7 ns Single Supply Comparator
REV.0
AD8564 AD-AD8564 Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
Quad Single Supply Comparator
logo
Analog Devices
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
Dual 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
Quad 7 ns Single Supply Comparator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com