Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8564
Description  Quad 7 ns Single Supply Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8564 Datasheet HTML 2Page - Analog Devices AD8564 Datasheet HTML 3Page - Analog Devices AD8564 Datasheet HTML 4Page - Analog Devices AD8564 Datasheet HTML 5Page - Analog Devices AD8564 Datasheet HTML 6Page - Analog Devices AD8564 Datasheet HTML 7Page - Analog Devices AD8564 Datasheet HTML 8Page - Analog Devices AD8564 Datasheet HTML 9Page - Analog Devices AD8564 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8564
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
V+ANA = V+DIG = 5 V, V–ANA = 0 V, TA = 25°C, unless otherwise noted.
1.0
0.8
0.6
0.4
0.2
0
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
Figure 4. Input Offset Voltage vs. Temperature
0
–1
–2
–3
–4
–5
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
Figure 5. Input Bias Current vs. Temperature
–7.5
–5.0
–2.5
0
2.5
5.0
INPUT COMMON-MODE VOLTAGE (V)
0
–1
–2
–3
–4
–5
V+ANA = V+DIG = +5V
V–ANA = –5V
Figure 6. Input Bias Current vs. Input Common-Mode Voltage
500
400
300
200
100
0
–5
–4
–3
–2
–1
0
1
2
3
4
INPUT OFFSET VOLTAGE (mV)
5
Figure 7. Input Offset Voltage Distribution
10
8
6
4
2
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
STEPSIZE = 100mV
OVERDRIVE = 5mV
tPDHL
tPDLH
Figure 8. Propagation Delay, tPDHL/tPDLH vs. Temperature
5.0
4.4
3.8
3.2
2.6
2.0
0
369
12
SOURCE CURRENT (mA)
15
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. Output High Voltage, VOH vs. Source Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com