Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8564
Description  Quad 7 ns Single Supply Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8564 Datasheet HTML 3Page - Analog Devices AD8564 Datasheet HTML 4Page - Analog Devices AD8564 Datasheet HTML 5Page - Analog Devices AD8564 Datasheet HTML 6Page - Analog Devices AD8564 Datasheet HTML 7Page - Analog Devices AD8564 Datasheet HTML 8Page - Analog Devices AD8564 Datasheet HTML 9Page - Analog Devices AD8564 Datasheet HTML 10Page - Analog Devices AD8564 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8564
Rev. B | Page 7 of 12
0.5
0.4
0.3
0.2
0.1
0
0
3
6
9
12
15
SINK CURRENT (mA)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 10. Output Low Voltage, VOL vs. Sink Current
5
4
3
2
1
0
24
6
8
10
1
V+ANA SUPPLY VOLTAGE (V)
2
TA = +85°C
TA = +25°C
TA = –40°C
Figure 11. I+ANA Supply Current/Comparator vs. V+ANA Supply Voltage
0
–1
–2
–3
–4
–5
2
4
6
8
10
12
V–ANA SUPPLY VOLTAGE (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 12. I−ANA Supply Current/Comparator vs. V−ANA Supply Voltage
2.5
2.0
1.5
1.0
0.5
0
3.0
2
4
6
8
10
12
V+DIG SUPPLY VOLTAGE (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. I+DIG Supply Current/Comparator vs. V+DIG Supply Voltage
5
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
V+ANA = ±5V
V+ANA = +5V
Figure 14. I+ANA Supply Current/Comparator vs. Temperature
0
–1
–2
–3
–4
–5
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
V+ANA = ±5V
V+ANA = +5V
Figure 15. I−ANA Supply Current/Comparator vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com