Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CSW Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1063CSW
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063CSW Datasheet(HTML) 3 Page - Analog Devices

  LTC1063CSW Datasheet HTML 1Page - Analog Devices LTC1063CSW Datasheet HTML 2Page - Analog Devices LTC1063CSW Datasheet HTML 3Page - Analog Devices LTC1063CSW Datasheet HTML 4Page - Analog Devices LTC1063CSW Datasheet HTML 5Page - Analog Devices LTC1063CSW Datasheet HTML 6Page - Analog Devices LTC1063CSW Datasheet HTML 7Page - Analog Devices LTC1063CSW Datasheet HTML 8Page - Analog Devices LTC1063CSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1063
3
1063fa
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VS = ±5V, fCLK = 500kHz, fC = 5kHz, RL = 10k, TA = 25°C, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 5kHz = fC
– 3.5
– 3.0
– 2.5
dB
●
– 3.6
– 3.0
– 2.4
dB
fIN = 20kHz = 4fC
– 57.5
– 60.0
– 62.0
dB
●
– 57.0
– 60.0
– 62.5
dB
Filter Gain
VS = ±2.375V, fCLK = 500kHz, fC = 5kHz
fIN = 1kHz
– 0.066
0.004
0.074
dB
●
– 0.081
0.004
0.089
dB
fIN = 2.5kHz
– 0.24
0.16
0.56
dB
●
– 0.29
0.16
0.61
dB
fIN = 4kHz
– 0.6
– 0.2
0.2
dB
●
– 0.7
– 0.2
0.3
dB
fIN = 5kHz
– 3.5
– 3.0
– 2.5
dB
●
– 3.6
– 3.0
– 2.4
dB
Clock Feedthrough
±2.375 ≤ VS ≤ ±7.5V
50
µVRMS
Wideband Noise (Note 4)
±2.375 ≤ VS ≤ ±7.5V, 1Hz < f < fCLK
100
µVRMS
THD + Wideband Noise (Note 5)
VS = ±7.5V, fC = 20kHz, fIN = 1kHz,
–80
dB
1VRMS ≤ VIN ≤ 2.3VRMS
Filter Output
± DC Swing
VS = ±2.375V
1.6/– 2.0
1.7/– 2.2
V
●
1.4/– 1.8
V
VS = ±5V
4.0/– 4.5
4.3/– 4.8
V
●
3.8/– 4.3
V
VS = ±7.5V
6.5/– 7.0
6.8/– 7.3
V
●
6.3/– 6.8
V
Input Bias Current
10
nA
Dynamic Input Impedance
800
M
Ω
Output DC Offset (Note 6)
VS = ±2.375V
2
mV
VS = ±5V
0
±5mV
VS = ±7.5V
– 4
mV
Output DC Offset Drift
VS = ±2.375V
10
µV/°C
VS = ±5V
20
µV/°C
VS = ±7.5V
25
µV/°C
Self-Clocking Frequency (fOSC)
R (Pin 4 to 5) = 20k, C (Pin 5 to GND) = 470pF
VS = ±2.375V
99
105
112
kHz
●
95
103
114
kHz
VS = ±5V
102
108
114
kHz
●
98
106
114
kHz
VS = ±7.5V
104
110
116
kHz
●
101
109
116
kHz
External CLK Pin Logic Thresholds
VS = ±2.375V
Min Logical “1”
1.43
V
Max Logical “0”
0.47
V
VS = ±5V
Min Logical “1”
3
V
Max Logical “0”
1
V
VS = ±7.5V
Min Logical “1”
4.5
V
Max Logical “0”
1.5
V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com