Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CSW Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1063CSW
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063CSW Datasheet(HTML) 4 Page - Analog Devices

  LTC1063CSW Datasheet HTML 1Page - Analog Devices LTC1063CSW Datasheet HTML 2Page - Analog Devices LTC1063CSW Datasheet HTML 3Page - Analog Devices LTC1063CSW Datasheet HTML 4Page - Analog Devices LTC1063CSW Datasheet HTML 5Page - Analog Devices LTC1063CSW Datasheet HTML 6Page - Analog Devices LTC1063CSW Datasheet HTML 7Page - Analog Devices LTC1063CSW Datasheet HTML 8Page - Analog Devices LTC1063CSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1063
4
1063fa
TYPICAL PERFOR A CE CHARACTERISTICS
EXTERNAL CLOCK FREQUENCY (kHz)
5
4
3
2
1
0
–1
–2
–3
–4
–5
1063 G03
500
1000
0
VS = ±7.5V
VS = ±5V
VS = ±2.5V
EXTERNAL CLOCK FREQUENCY (Hz)
50
45
40
35
30
25
20
15
10
5
0
1063 G02
10
110
210
A
B
A: TA = 25°C
B: TA = 85°C
VS = ±5V
FREQUENCY (kHz)
110
100
90
80
70
60
50
40
30
20
10
1063 G01
100
300
500
LTC1063
R
C
4
5
C = 200pF
fOSC ≅ 1/RC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
VS = ±2.375V, fCLK = 500kHz
2.7
4.0
mA
●
5.5
mA
VS = ±5V, fCLK = 500kHz
5.5
8
mA
●
11
mA
VS = ±7.5V, fCLK = 500kHz
7.0
11
mA
●
14.5
mA
Output Offset vs Clock,
Medium Clock Rates
Self-Clocking Frequency vs R
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The maximum clock frequency criterion is arbitrarily defined as:
The frequency at which the filter AC response exhibits
≥ 1dB of gain
peaking.
Note 3: At limited temperature ranges (i.e., TA ≤ 50°C) the minimum clock
frequency can be as low as 10Hz. The minimum clock frequency is
arbitrarily defined as: the clock frequency at which the output DC offset
changes by more than 1mV.
Note 4: The wideband noise specification does not include the clock
feedthrough.
Note 5: To properly evaluate the filter’s harmonic distortion an inverting
output buffer is recommended as shown in the Test Circuit. An output
buffer is not necessarily needed when measuring output DC offset or
wideband noise.
Note 6: The output DC offset is optimized for
±5V supply. The output DC
offset shifts when the power supplies change; however this phenomenon
is repeatable and predictable.
Output Offset vs Clock,
Low Clock Rates
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VS = ±5V, fCLK = 500kHz, fC = 5kHz, RL = 10k, TA = 25°C, unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com