Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CSW Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1063CSW
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063CSW Datasheet(HTML) 2 Page - Analog Devices

  LTC1063CSW Datasheet HTML 1Page - Analog Devices LTC1063CSW Datasheet HTML 2Page - Analog Devices LTC1063CSW Datasheet HTML 3Page - Analog Devices LTC1063CSW Datasheet HTML 4Page - Analog Devices LTC1063CSW Datasheet HTML 5Page - Analog Devices LTC1063CSW Datasheet HTML 6Page - Analog Devices LTC1063CSW Datasheet HTML 7Page - Analog Devices LTC1063CSW Datasheet HTML 8Page - Analog Devices LTC1063CSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1063
2
1063fa
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Clock-to-Cutoff Frequency Ratio (fCLK/fC)
±2.375V ≤ VS ≤ ±7.5V
100
±0.5
Maximum Clock Frequency (Note 2)
VS = ±7.5V
5
MHz
VS = ±5V
4
MHz
VS = ±2.5V
3
MHz
Minimum Clock Frequency (Note 3)
±2.5V ≤ VS ≤ ±7.5V, TA < 85°C30
Hz
Input Frequency Range
0
0.9fCLK
Filter Gain
VS = ±5V, fCLK = 25kHz, fC = 250Hz
fIN = 250Hz
– 3.5
– 3.0
– 2.5
dB
●
– 3.6
– 3.0
– 2.4
dB
VS = ±5V, fCLK = 500kHz, fC = 5kHz
fIN = 100Hz
0
dB
fIN = 1kHz = 0.2fC
– 0.06
– 0.01
0.04
dB
●
– 0.075
– 0.01
0.055
dB
fIN = 2.5kHz = 0.5fC
– 0.09
0.16
0.41
dB
●
– 0.14
0.16
0.46
dB
fIN = 4kHz = 0.8fC
– 0.5
– 0.2
0.1
dB
●
– 0.6
– 0.2
0.2
dB
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VS = ±5V, fCLK = 500kHz, fC = 5kHz, RL = 10k, TA = 25°C, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VIN
GND
NC
V–
NC
NC
CLK OUT
VOS ADJ
NC
VOUT
NC
V+
NC
NC
CLK IN
1
2
3
4
8
7
6
5
TOP VIEW
VIN
GND
V–
CLK OUT
VOS ADJ
VOUT
V+
CLK IN
N8 PACKAGE
8-LEAD PLASTIC DIP
ABSOLUTE MAXIMUM RATINGS (Note 1)
Total Supply Voltage (V
+ to V–) .......................... 16.5V
Power Dissipation ............................................. 400mW
Voltage at Any Input .... (V – – 0.3V)
≤ VIN ≤ (V+ + 0.3V)
Burn-In Voltage ...................................................... 16V
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1063CN8
LTC1063CSW
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 150°C, θJA = 100°C/W (J)
TJMAX = 100°C, θJA = 85°C/W
TJMAX = 100°C, θJA = 110°C/W (N)
LTC1063CJ8
LTC1063MJ8
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com