Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CSW Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1063CSW
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1063CSW Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1063CSW Datasheet HTML 4Page - Analog Devices LTC1063CSW Datasheet HTML 5Page - Analog Devices LTC1063CSW Datasheet HTML 6Page - Analog Devices LTC1063CSW Datasheet HTML 7Page - Analog Devices LTC1063CSW Datasheet HTML 8Page - Analog Devices LTC1063CSW Datasheet HTML 9Page - Analog Devices LTC1063CSW Datasheet HTML 10Page - Analog Devices LTC1063CSW Datasheet HTML 11Page - Analog Devices LTC1063CSW Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1063
8
1063fa
V–
50k
V+
0.1
µF
VOUT
1063 TC01
0.1
µF
CLOCK IN
–
+
LT1022
20pF
VIN
50k
8
7
6
5
1
2
3
4
LTC1063
CLOCK FREQUENCY (MHz)
1
200
180
160
140
120
100
80
60
40
20
0
310
1063 F02
24
5
6 78 9
VS = ±2.5V
VS = ±5V
VS = ±7.5V
TA = 25°C
Output Pin (Pin 7, N Package)
Pin 7 is the filter output. This pin can typically source over
20mA and sink 2mA. Pin 7 should not drive long coax
cables, otherwise the filter’s total harmonic distortion will
degrade.
Clock Input Pin (Pin 5, N Package)
An external clock when applied to pin 5 tunes the filter
cutoff frequency. The clock-to-cutoff frequency ratio is
100:1. The high (VHIGH) and low (VLOW) clock logic
threshold levels are illustrated in Table 2. Square wave
clocks with duty cycles between 30% and 50% are strongly
recommended. Sinewave clocks are not recommended.
Clock Output Pin (Pin 4, N Package)
Any external clock applied to the clock input pin appears
at the clock output pin. The duty cycle of the clock output
equals the duty cycle of the external clock applied to the
clock input pin. The clock output pin swings to the power
supply rails. When the LTC1063 is used in a self-clocking
mode, the clock of the internal oscillator appears at the
clock output pin with a 30% duty cycle. The clock output
pin can be used to drive other LTC1063s or other ICs. The
maximum capacitance, CL(MAX), the clock output pin can
drive is illustrated in Figure 2.
Table 2. Clock Pin Threshold Levels
POWER SUPPLY
VHIGH
VLOW
VS = ±2.5V
1.5V
0.5V
VS = ±5V
3V
1V
VS = ±7.5V
4.5V
1.5V
VS = ±8V
4.8V
1.6V
VS = 5V, 0V
4V
3V
VS = 12, 0V
9.6V
7.2V
VS =15V, 0V
12V
9V
Figure 3. Test Circuit for THD
Figure 2. Maximum Load Capacitance at the Clock Output Pin
TEST CIRCUIT
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com