Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-25/I2. Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P1-25/I2.
Description  P1-25/I2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/I2. Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P1-25/I2. Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 4Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type: P1−25/I2
Article No.: 207299
Ordering information
Design
Surface mounting
Description
Without auxiliary contacts
Main conducting paths No. of poles
M
3
Auxiliary contacts
N/O
0
Auxiliary contacts
B
0
Max. three−phase motor rating (per set
of 3 contacts) 50−60 Hz AC−3 400/415
V 50−60 Hz
P
kW
13
Rated uninterrupted current
Iu
A
25
Contact sequence
General
Standards
IEC/EN 60947, VDE 0660,
IEC/EN 60204, CSA,UL
Switch−disconnectors to
IEC/EN 60947−3
Lifespan, mechanical
Operations
× 106
0,3
Maximum operating frequency
Operations/h
50
1


Similar Part No. - P1-25/I2.

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P1-25/I2/SVB EATON-P1-25/I2/SVB Datasheet
328Kb / 6P
Main switch, 3 pole, 25 A, Emergency-Stop function, Lockable in the 0 (Off) position, surface mounting
12/21/2015
P1-25/I2/SVB-SW/HI11 EATON-P1-25/I2/SVB-SW/HI11 Datasheet
357Kb / 6P
Main switch, P1, 25 A, surface mounting, 3 pole, 1 N/O, 1 N/C, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-25/I2/SVB/HI11 EATON-P1-25/I2/SVB/HI11 Datasheet
360Kb / 6P
Main switch, P1, 25 A, surface mounting, 3 pole, 1 N/O, 1 N/C, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-25/I2/SVB/N EATON-P1-25/I2/SVB/N Datasheet
331Kb / 6P
Main switch, 3 pole N, 25 A, Emergency Stop function, Lockable in the 0 (Off) position, surface mounting
03/18/2016
P1-25/I2H/SVB/N EATON-P1-25/I2H/SVB/N Datasheet
336Kb / 6P
Main switch, P1, 25 A, surface mounting, 3 pole N, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position, hard knockout version
06/29/2020
More results

Similar Description - P1-25/I2.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23026 MACOM-V23026 Datasheet
730Kb / 10P
P1 Relay
2-1393774-0 MACOM-2-1393774-0 Datasheet
2Mb / 5P
P1 Relay V23026
2-1393774-1 MACOM-2-1393774-1 Datasheet
2Mb / 5P
P1 Relay V23026
2-1393774-4 MACOM-2-1393774-4 Datasheet
2Mb / 5P
P1 Relay V23026
2-1393774-6 MACOM-2-1393774-6 Datasheet
2Mb / 5P
P1 Relay V23026
V23026 MACOM-V23026_12 Datasheet
2Mb / 5P
P1 Relay V23026
logo
Rohm
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
SML-P1 series
logo
List of Unclassifed Man...
YS05S16-0G ETC2-YS05S16-0G Datasheet
870Kb / 23P
GPS Module TC6000GN-P1
PFC500-1048F ETC2-PFC500-1048F Datasheet
870Kb / 23P
GPS Module TC6000GN-P1
logo
Virginia Panel Corporat...
31011360X VPC-31011360X Datasheet
79Kb / 1P
i2 CUTOUT i2 CUTOUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com