Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-25/I2. Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # P1-25/I2.
Description  P1-25/I2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/I2. Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  P1-25/I2. Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 4Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Climatic proofing
Damp heat, constant, to IEC
60068−2−78; Damp heat,
cyclical, to IEC 60068−2−30
Ambient temperature
Open
°C
−−25/50
Enclosed
°C
−−25/40
Mounting position
As required
Documentation
Main catalogue HPL
Mechanical shock resistance
(shock duration 20 ms)
g
> 15
Contacts
Rated operational voltage
Ue
V AC
690
Rated impulse withstand voltage
Uimp
V AC
6000
Overvoltage category/pollution
degree
III/3
Rated uninterrupted current
open
Iu
A
25
Enclosed
Iu
A
25
Load−carrying capacity in
intermittent operation, Class 12
AB 25 % DF
× Ie
2
AB 40 % DF
× Ie
1,6
AB 60 % DF
× Ie
1,3
Short−circuit rating
Fuse
A gG/gL 25
Rated short−time withstand
current (1 s current)
Icw
Arms
640
Switching angles
°
90
Current heat loss per contact at Ie
W
1,1
Terminal capacities
Solid or stranded
mm2
1 × (1.5 – 6)
2 × (1.5 – 6)
Flexible with ferrule to DIN 46228
mm2
1 × (1 – 4)
2 × (1 – 4)
Terminal screw
M4
Tightening torque
Nm
1.6
Switching capacity
AC
Rated making capacity cos = 0.35
A
240
Rated breaking capacity, motor
load switch cos = 0.35
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com