Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-25/I2. Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # P1-25/I2.
Description  P1-25/I2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/I2. Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  P1-25/I2. Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 4Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Main switch characteristics to
IEC/EN 60204; positive
opening of contacts, operator
element positively located on
shaft
The rated uninterrupted
current Iu is stated at max.
connected cross−section.
For terminal capacity solid,
stranded and flexible:
Max. 2 cross−section sizes
difference admissible when
using 2 conductors.
Dimensions
Explaination
For utilisation category AC−4
(extreme load: 100 %
inching, reversing or
plugging)
The blocked rotor current of
the motor should not exceed
the rated current of the
switch for AC−21A to ensure
a reasonable device lifespan.
Dimensions
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com