Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-25/I2. Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # P1-25/I2.
Description  P1-25/I2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/I2. Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  P1-25/I2. Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 4Page - Eaton All Rights Reserved. P1-25/I2. Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
230 V
A
190
400 V
A
150
500 V
A
170
690 V
A
150
Rated operational current 440 V
load−break switch AC−21A
Ie
A
25
AC−3 motor load switch motor
rating
230 V
P
kW
5,5
400 V
P
kW
7,5
500 V
P
kW
7,5
690 V
P
kW
7,5
AC−23A Motor load switches
(main switches maintenance
switches)
230 V
P
kW
7
400 V
P
kW
13
500 V
P
kW
11
690 V
P
kW
11
DC
DC−1, Load−break switches L/R =
1 ms
Rated operational current
Ie
A
25
Voltage per contact pair in series
V
60
DC−23A, Motor load switches L/R
= 15 ms
24 V
Rated operational current
Ie
A
25
Contacts
Quantity 1
48 V
Rated operational current
Ie
A
25
Contacts
Quantity 2
60 V
Rated operational current
Ie
A
25
Contacts
Quantity 3
120 V
Rated operational current
Ie
A
12
Contacts
Quantity 3
Notes
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com